Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PD3SD2580 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de Pieza. PD3SD2580
Descripción  SURFACE MOUNT FAST SWITCHING DIODE
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

PD3SD2580 Datasheet(HTML) 2 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30720 Rev. 7 - 2
2 of 4
PD3SD2580
www.diodes.com
0
100
300
025
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 2 Power Derating Curve
A
°
200
400
500
0
100
300
50
150
025
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
200
250
0.0001
0.01
0.001
0.1
1
10
100
0
20
30
10
40
50
70
60
80
90 100
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = 25ºC
A
T = 150ºC
A
0.1
1
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.4 Typical Forward Characteristics
F
100
1000
T = 150 C
A
°
T= 25 C
A
°
0
24
16
32
8
40
V , DC REVERSE VOLTAGE (V)
Fig. 5 Total Capacitance vs.
Reverse Voltage
R
2
2.1
2.2
2.3
2.4
f=1MHz
1
10
100
1000
t , PULSE DURATION (ms)
Fig. 6 Maximum Permissible Non-Repetitive
Peak Forward Current as a function of pulse duration
P
0.5
0
1.5
1
2.5
2
3
3.5
T = 25ºC
j


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MMBD4148W_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
MMBD4448HCQW_1SURFACE MOUNT FAST SWITCHING DIODE ARRAY 1 2 3 4 Diodes Incorporated
MMBD4448W_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
MMBD4148TW_1SURFACE MOUNT FAST SWITCHING DIODE ARRAY 1 2 3 Diodes Incorporated
MMBD4448HT_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
1N4448WS_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
BAS21T_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
1N4148WS_1SURFACE MOUNT FAST SWITCHING DIODE 1 2 3 Diodes Incorporated
MMBD4448VSURFACE MOUNT FAST SWITCHING DIODE 1 2 Diodes Incorporated
1N4448W_FAST SWITCHING SURFACE MOUNT DIODE 1 2 3 Diodes Incorporated

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn