Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV128ML123EI Datasheet(PDF) 8 Page - Advanced Micro Devices |
|
AM29LV128ML123EI Datasheet(HTML) 8 Page - Advanced Micro Devices |
8 / 66 page 8 Am29LV128MH/L 25270C7 January 31, 2007 D A TA SH EE T CONNECTION DIAGRAMS Special Package Handling Instructions Special handling is required for Flash Memory products in molded packages (TSOP and BGA). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A2 C2 D2 E2 F2 G2 H2 A3 C3 D3 E3 F3 G3 H3 A4 C4 D4 E4 F4 G4 H4 A5 C5 D5 E5 F5 G5 H5 A6 C6 D6 E6 F6 G6 H6 A7 C7 D7 E7 F7 G7 H7 DQ15/A-1 VSS BYTE# A16 A15 A14 A12 A13 DQ13 DQ6 DQ14 DQ7 A11 A10 A8 A9 VCC DQ4 DQ12 DQ5 A19 A21 RESET# WE# DQ11 DQ3 DQ10 DQ2 A20 A18 WP#/ACC RY/BY# DQ9 DQ1 DQ8 DQ0 A5 A6 A17 A7 OE# VSS CE# A0 A1 A2 A4 A3 A1 C1 D1 E1 F1 G1 H1 NC NC VIO NC NC NC NC NC A8 C8 B2 B3 B4 B5 B6 B7 B1 B8 D8 E8 F8 G8 H8 NC NC NC VSS VIO NC A22 NC 64- Ball Fortified BGA Top View, Balls Facing Down |
Número de pieza similar - AM29LV128ML123EI |
|
Descripción similar - AM29LV128ML123EI |