Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV256ML103RPGF Datasheet(PDF) 10 Page - Advanced Micro Devices

No. de pieza AM29LV256ML103RPGF
Descripción Electrónicos  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256ML103RPGF Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV256ML103RPGF Datasheet HTML 6Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 7Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 8Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 9Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 10Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 11Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 12Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 13Page - Advanced Micro Devices AM29LV256ML103RPGF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
8
Am29LV256M
December 16, 2005
D A TA SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for
this device. Consult the local AMD sales office to confirm availability of specific
valid combinations and to check on newly released combinations.
Note:For 103, 103R, 110, and 120 speed option shown in product selector
guide, contact AMD for availability and ordering information.
Notes:
1. To select the product with ESN factory-locked into the SecSi Sector: 1) select the order number from the valid combinations
given above, 2)add designator “N” at the end of the order number, and 3) modify the speed option indicator as follows
[113R = 11R; 123R = 12R; 113, 123 = no change] Example: Am29LV256MH12RPGIN. For fortified BGA packages, the
designator “N” will also appear at the end of the package marking. Example: L256MH12RIN.
Am29LV256M
H
123R
PG
I
TEMPERATURE RANGE
I
=
Industrial (–40°C to +85°C)
F
=
Industrial (–40°C to +85°C) with Lead (Pb)-free package
PACKAGE TYPE
E
=
56-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 056)
F
=
56-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR056)
PG
=
64-Ball Fortified Ball Grid Array,
1.0 mm pitch, 18 x 12 mm package (LAC064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND SECTOR WRITE PROTECTION (WP# = V
IL)
H
=
Uniform sector device, highest address sector protected
L
=
Uniform sector device, lowest address sector protected
DEVICE NUMBER/DESCRIPTION
Am29LV256MH/L
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBit Uniform Sector Flash Memory with VersatileIO
TM Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
IO
Range
V
CC
Range
Am29LV256MH113R
Am29LV256ML113R
EI,
FI,
EF
110
1.65–3.6 V
3.0–3.6 V
Am29LV256MH123R
Am29LV256ML123R
120
1.65–3.6 V
Valid Combinations for
Fortified BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package Marking
Am29LV256MH113R
Am29LV256ML113R
PGI,
PGF
L256MH113R
L256ML113R
I,
F
110
1.65–
3.6 V
3.0–
3.6 V
Am29LV256MH123R
Am29LV256ML123R
L256MH123R
L256ML123R
120
1.65–
3.6 V


Número de pieza similar - AM29LV256ML103RPGF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV256ML113REI AMD-AM29LV256ML113REI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256ML113RFI AMD-AM29LV256ML113RFI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256ML113RPGI AMD-AM29LV256ML113RPGI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256ML123REI AMD-AM29LV256ML123REI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
AM29LV256ML123RFI AMD-AM29LV256ML123RFI Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
More results

Descripción similar - AM29LV256ML103RPGF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV256M AMD-AM29LV256M Datasheet
1Mb / 70P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
logo
SPANSION
AM29LV256MH123REI SPANSION-AM29LV256MH123REI Datasheet
1Mb / 69P
   256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
logo
Advanced Micro Devices
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
S70GL256M00 SPANSION-S70GL256M00 Datasheet
1Mb / 60P
   256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com