Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MMBTH24 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
MMBTH24 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 3 page MMBTH24 NPN SURFACE MOUNT VHF/UHF TRANSISTOR Features • Designed for VHF/UHF Amplifier Applications and High Output VHF Oscillators • High Current Gain Bandwidth Product • Ideal for Mixer and RF Amplifier Applications with collector currents in the 100 μA - 30 mA Range • Lead Free/RoHS Compliant (Note 3) Mechanical Data • Case: SOT-23 • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020C • Terminals: Solderable per MIL-STD-202, Method 208 • Terminal Connections: See Diagram • Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). • Marking Information: See Page 3 • Ordering Information: See Page 3 • Weight: 0.008 grams (approximate) SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 E 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.085 0.180 α 0 ° 8 ° All Dimensions in mm C B E Maximum Ratings @T A = 25°C unless otherwise specified Characteristic Symbol Value Unit Collector-Base Voltage VCBO 40 V Collector-Emitter Voltage VCEO 40 V Emitter-Base Voltage VEBO 4.0 V Collector Current - Continuous (Note 1) IC 50 mA Power Dissipation (Note 1) Pd 300 mW Thermal Resistance, Junction to Ambient (Note 1) RθJA 417 °C/W Operating and Storage Temperature Range Tj, TSTG -55 to +150 °C Electrical Characteristics @T A = 25°C unless otherwise specified Characteristic Symbol Min Max Unit Test Condition OFF CHARACTERISTICS (Note 2) Collector-Emitter Breakdown Voltage V(BR)CEO 40 ⎯ V IC = 1mA, IB = 0 B Collector-Base Breakdown Voltage V(BR)CBO 40 ⎯ V IC = 100μA, IE = 0 Emitter-Base Breakdown Voltage V(BR)EBO 4.0 ⎯ V IE = 10μA, IC = 0 Collector Cutoff Current ICBO ⎯ 100 nA VCB = 30V, IE = 0 Emitter Cutoff Current IEBO ⎯ 100 nA VEB = 2V, IC = 0 ON CHARACTERISTICS (Note 2) DC Current Gain hFE 30 ⎯ ⎯ IC = 8mA, VCE = 10.0V Collector-Emitter Saturation Voltage VCE(SAT) ⎯ 0.5 V IC = 4mA, IB = 400μA B Base-Emitter On Voltage VBE(SAT) ⎯ 0.95 V IC = 4mA, VCE = 10.0V SMALL SIGNAL CHARACTERISTICS Current Gain-Bandwidth Product fT 400 ⎯ MHz VCE = 10V, f = 100MHz, IC = 8mA Collector-Base Capacitance CCB ⎯ 0.7 pF VCB = 10V, f = 1.0MHz, IE = 0 Collector-Base Feedback Capacitance CRB ⎯ 0.65 pF VCB = 10V, f = 1.0MHz, IE = 0 Collector-Base Time Constant Rb’Cc ⎯ 9 ps IC = 4mA, VCB = 10V, f = 31.8MHz Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch pad layout, as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. 3. No purposefully added lead. DS31034 Rev. 12 - 2 1 of 3 www.diodes.com MMBTH24 © Diodes Incorporated SPICE MODEL: MMBTH24 |
Número de pieza similar - MMBTH24_1 |
|
Descripción similar - MMBTH24_1 |