Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HI5810 Datasheet(PDF) 3 Page - Intersil Corporation

No. de Pieza. HI5810
Descripción  CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

HI5810 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage
VDD to VSS . . . . . . . ... .. .. .. .. ..(VSS -0.5V) < VDD < +6.5V
VAA+toVAA- . . . . . . ... .. .. .. .. .. (VSS -0.5V) to (VSS +6.5V)
VAA+toVDD. . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. ±0.3V
Analog and Reference Inputs
VIN, VREF+, VREF- . ... .. .. (VSS -0.3V) < VINA <(VDD +0.3V)
Digital I/O Pins .. .. .. .. . . . . . . . (VSS -0.3V) < VI/O <(VDD +0.3V)
Operating Conditions
Temperature Range . . . ... .. .. .. .. .. .. .. .. .. .. -40oCto 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . ... .. .. .. .. .. .. .. .. .. ..
75
Maximum Junction Temperature
Plastic Packages . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering, 10s). .. .. ... .. .. . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VDD =VAA+=5V, VREF+= +4.608V, VSS =VAA-= VREF - = GND, CLK = External 1.5MHz,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
25oC
-40oCTO85oC
UNITS
MIN
TYP
MAX
MIN
MAX
ACCURACY
Resolution
12
-
-
12
-
Bits
Integral Linearity Error, INL (End Point)
-
-
±2.5
-
±2.5
LSB
Differential Linearity Error, DNL
-
-
±2.0
-
±2.0
LSB
Gain Error, FSE (Adjustable to Zero)
-
-
±3.5
-
±3.5
LSB
Offset Error, VOS (Adjustable to Zero)
-
-
±2.5
-
±2.5
LSB
DYNAMIC CHARACTERISTICS
Signal to Noise Ratio, SINAD
RMS Signal
RMS Noise + Distortion
fS = Internal Clock, fIN =1kHz
fS =1.5MHz, fIN =1kHz
-68.8
62.1
--
-
dB
dB
Signal to Noise Ratio, SNR
RMS Signal
RMS Noise
fS = Internal Clock, fIN =1kHz
fS =1.5MHz, fIN =1kHz
-70.5
63.2
--
-
dB
dB
Total Harmonic Distortion, THD
fS = Internal Clock, fIN =1kHz
fS =1.5MHz, fIN =1kHz
--73.9
-68.4
--
-
dBc
dBc
Spurious Free Dynamic Range, SFDR
fS = Internal Clock, fIN =1kHz
fS =1.5MHz, fIN =1kHz
-
75.4
69.2
--
-
dB
dB
ANALOG INPUT
Input Current, Dynamic
At VIN =VREF+, 0V
-
±125
±150
-
±150
µA
Input Current, Static
Conversion Stopped
-
±0.6
±10
-
±10
µA
Input Bandwidth -3dB
-
1
-
-
-
MHz
Reference Input Current
-
160
-
-
-
µA
Input Series Resistance, RS
In Series with Input CSAMPLE
-420
-
-
-
W
Input Capacitance, CSAMPLE
During Sample State
-
380
-
-
-
pF
Input Capacitance, CHOLD
During Hold State
-
20
-
-
-
pF
HI5810


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn