Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HI5813 Datasheet(PDF) 5 Page - Intersil Corporation

No. de Pieza. HI5813
Descripción  CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo 

HI5813 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Timing Diagrams
FIGURE 1. CONTINUOUS CONVERSION MODE
FIGURE 2. SINGLE SHOT MODE
FIGURE 3A.
FIGURE 3B.
FIGURE 3. OUTPUT ENABLE/DISABLE TIMING DIAGRAM
D0 - D11
CLK
tD2DRDY
tLOW
tHIGH
1
2
3
4
5- 14
15
1
2
3
STRT
HOLD N
TRACK N
TRACK N + 1
VIN
OEL =OEM =VSS
DRDY
tD1DRDY
DATAN- 1
DATA N
STRT
HOLD
TRACK
HOLD
CLK
DRDY
VIN
tRSTRT
tSUSTRT
tWSTRT
15
1
2
2
2
3
4
5
tD3DRDY
OEL OR OEM
D0 - D3OR D4- D11
HIGH
tDIS
tEN
50%
50%
10%
90%
-1.6mA
TO LOW
1.6mA
50pF
TO
PIN
+2.1V
OUTPUT
IMPEDANCE
HIGH IMPEDANCE
TO HIGH
HI5813


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12