Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM49PDL127BH Datasheet(PDF) 4 Page - SPANSION

No. de pieza AM49PDL127BH
Descripción Electrónicos  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL127BH Datasheet(HTML) 4 Page - SPANSION

  AM49PDL127BH Datasheet HTML 1Page - SPANSION AM49PDL127BH Datasheet HTML 2Page - SPANSION AM49PDL127BH Datasheet HTML 3Page - SPANSION AM49PDL127BH Datasheet HTML 4Page - SPANSION AM49PDL127BH Datasheet HTML 5Page - SPANSION AM49PDL127BH Datasheet HTML 6Page - SPANSION AM49PDL127BH Datasheet HTML 7Page - SPANSION AM49PDL127BH Datasheet HTML 8Page - SPANSION AM49PDL127BH Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
2
Am49PDL127BH/Am49PDL129BH
December 16, 2003
ADV ANCE
I N FO RMAT I O N
HARDWARE FEATURES
■ Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array data
■ WP#/ACC (Write Protect/Acceleration) input
—At V
IL, hardware level protection for the first and last two 4K
word sectors.
—At V
IH, allows removal of sector protection
—At V
HH, provides accelerated programming in a factory
setting
■ Persistent Sector Protection
— A command sector protection method to lock combinations
of individual sectors and sector groups to prevent program or
erase operations within that sector
— Sectors can be locked and unlocked in-system at V
CC level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups to
prevent program or erase operations within that sector using
a user-defined 64-bit password
pSRAM FEATURES
■ Power dissipation
— Operating: 40 mA maximum
— Standby: 70 µA maximum
— Deep power-down standby: 5 µA
■ CE1s# and CE2ps Chip Select
■ Power down features using CE1s# and CE2ps
■ Data retention supply voltage: 2.7 to 3.3 volt
■ Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)
■ 8-word page mode access


Número de pieza similar - AM49PDL127BH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH61IS SPANSION-AM49PDL127AH61IS Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH61IT SPANSION-AM49PDL127AH61IT Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH70IS SPANSION-AM49PDL127AH70IS Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL127AH70IT SPANSION-AM49PDL127AH70IT Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
More results

Descripción similar - AM49PDL127BH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com