Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM49PDL127BH Datasheet(PDF) 11 Page - SPANSION |
|
AM49PDL127BH Datasheet(HTML) 11 Page - SPANSION |
11 / 86 page December 16, 2003 Am49PDL127BH/Am49PDL129BH 9 ADV ANCE I N FO RMAT I O N PIN DESCRIPTION A20–A0 = 21 Address Inputs (Common) A21 = Address Inputs (Flash) A22 = Address Input (PDL127 only) (Flash) DQ15–DQ0 = 16 Data Inputs/Outputs (Common) CE#f1 = Chip Enable 1 (Flash) CE#f2 = Chip Enable 2 (Flash) (PDL 129 only) CE#1ps = Chip Enable 1 (pSRAM) CE2ps = Chip Enable 2 (pSRAM) OE# = Output Enable (Common) WE# = Write Enable (Common) RY/BY# = Ready/Busy Output and open drain. When RY/BY# = V IH, the device is ready to accept read operations and commands. When RY/BY# = V OL, the device is either executing an em- bedded algorithm or the device is executing a hardware reset opera- tion. UB#s = Upper Byte Control (pSRAM) LB#s = Lower Byte Control (pSRAM) RESET# = Hardware Reset Pin, Active Low WP#/ACC = Write Protect/Acceleration Input. When WP/ACC#= V IL, the highest and lowest two 4K-word sectors are write protected regardless of other sector protection configurations. When WP/ACC#= V IH, these sector are unprotected unless the DYB or PPB is programmed. When WP/ACC#= 12V, program and erase operations are accelerated. V CCf = Flash 3.0 volt-only single power sup- ply (see Product Selector Guide for speed options and voltage supply tolerances) V CCs = pSRAM Power Supply V SS = Device Ground (Common) NC = Pin Not Connected Internally LOGIC SYMBOL 21 16 DQ15–DQ0 A20–A0 CE#f1 OE# WE# RESET# UB#s RY/BY# WP#/ACC A21 LB#s CE#1ps CE2ps CE#f2 (PDL129 Only) A22 (PDL127 Only) |
Número de pieza similar - AM49PDL127BH |
|
Descripción similar - AM49PDL127BH |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |