Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HIP4020 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza HIP4020
Descripción Electrónicos  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020 Datasheet(HTML) 6 Page - Intersil Corporation

  HIP4020_05 Datasheet HTML 1Page - Intersil Corporation HIP4020_05 Datasheet HTML 2Page - Intersil Corporation HIP4020_05 Datasheet HTML 3Page - Intersil Corporation HIP4020_05 Datasheet HTML 4Page - Intersil Corporation HIP4020_05 Datasheet HTML 5Page - Intersil Corporation HIP4020_05 Datasheet HTML 6Page - Intersil Corporation HIP4020_05 Datasheet HTML 7Page - Intersil Corporation HIP4020_05 Datasheet HTML 8Page - Intersil Corporation HIP4020_05 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN3976.3
December 20, 2005
DIRECTION Input Control terminal. The MOS output transistor
pair chosen for conduction is determined by the logic level
applied to the DIRECTION control; resulting in either clockwise
(CW) or counter-clockwise (CCW) shaft rotation.
When the BRAKE terminal is switched high (while holding
the ENABLE input high), the gates of both Q2 and Q4 are
driven high. Current flowing through Q2 (from the motor
terminal OUTA) at the moment of Dynamic Braking will
continue to flow through Q2 to the VSSA and VSSB external
connection, and then continue through diode D4 to the motor
terminal OUTB. As such, the resistance of the motor winding
(and the series-connected path) dissipates the kinetic
energy stored in the system. Reversing rotation, current
flowing through Q4 (from the motor terminal OUTB), at the
moment of Dynamic Braking, would continue to flow through
Q4 to the VSSB and VSSA tie, and then continue through
diode D2 to the motor terminal OUTA, to dissipate the stored
kinetic energy as previously described.
Where VDD to VSS are the Power Supply reference
terminals for the Control Logic, the lowest practical supply
voltage for proper logic control should be no less than 2.0V.
The VSSA and VSSB terminals are separate and
independent from VSS and may be more negative than the
VSS ground reference terminal. However, the maximum
supply level from VDD to VSSA or VSSB must not be greater
than the Absolute Maximum Supply Voltage rating.
Terminals A1, B1, A2, B2, ENA and ENB are internally
connected to protection circuits intended to guard the CMOS
gate-oxides against damage due to electrostatic discharge.
(See Figure 3) Inputs ENA, ENB, A1, B1 A2 and B2 have
CD74HCT4000 Logic Interface Protection and Level
Converters for TTL or CMOS Input Logic. These inputs are
designed to typically provide ESD protection up to 2kV.
However, these devices are sensitive to electrostatic
discharge. Proper I.C. handling procedures should be
followed.
INPUT
LEVEL
CONV.
VDD
FIGURE 3. LOGIC INPUT ESD INTERFACE PROTECTION
A1
A2
ENA
(DIR)
(BRAKE)
(ENABLE)
OT AND OC
PROTECT
N-DR
LIMIT
P-DR
LIMIT
Q2
D2
Q1
D1
VDD
VSSA
OUTA
B1
B2
ENB
(DIR)
(BRAKE)
(ENABLE)
OT AND OC
PROTECT
N-DR
LIMIT
P-DR
LIMIT
Q4
D4
Q3
D3
VDD
VSSB
OUTB
FIGURE 4. EQUIVALENT CONTROL LOGIC A AND B SHOWN DRIVING THE OUTA AND OUTB OUTPUT DRIVERS
HIP4020


Número de pieza similar - HIP4020_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
65Kb / 8P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Renesas Technology Corp
HIP4020IB RENESAS-HIP4020IB Datasheet
501Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020IBZ INTERSIL-HIP4020IBZ Datasheet
273Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Renesas Technology Corp
HIP4020IBZ RENESAS-HIP4020IBZ Datasheet
501Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
More results

Descripción similar - HIP4020_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
logo
STMicroelectronics
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Toshiba Semiconductor
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com