Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COM20051+ Datasheet(PDF) 40 Page - SMSC Corporation

No. de pieza COM20051+
Descripción Electrónicos  Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051+ Datasheet(HTML) 40 Page - SMSC Corporation

Back Button COM20051+ Datasheet HTML 36Page - SMSC Corporation COM20051+ Datasheet HTML 37Page - SMSC Corporation COM20051+ Datasheet HTML 38Page - SMSC Corporation COM20051+ Datasheet HTML 39Page - SMSC Corporation COM20051+ Datasheet HTML 40Page - SMSC Corporation COM20051+ Datasheet HTML 41Page - SMSC Corporation COM20051+ Datasheet HTML 42Page - SMSC Corporation COM20051+ Datasheet HTML 43Page - SMSC Corporation COM20051+ Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
40
INTERNAL RAM
The integration of the 1K x 8 RAM in the
ARCNET core represents significant real estate
savings.
The PC board is now free of the
cumbersome external RAM, external latch, and
multiplexed
address/data
bus
and
control
functions which were necessary to interface to
the RAM.
The integration of RAM represents significant
cost savings because it isolates the system
designer from the changing costs of external
RAM and it minimizes reliability problems,
assembly time and costs, and layout complexity.
Sequential Access Memory
The internal RAM is accessed via a pointer-
based scheme.
Rather than interfering with
system memory, the internal RAM is indirectly
accessed through the Address High and Low
Pointer Registers. The data is channeled to and
from the microcontroller via the 8-bit data
register. For example: a packet in the internal
RAM buffer is read by the microcontroller by
writing the corresponding address into the
Address Pointer High and Low Registers (offsets
02H and 03H).
Note that the High Register
should be written first, followed by the Low
Register, because writing to the Low Register
loads the address.
At this point the device
accesses
that
location
and
places
the
corresponding data into the data register. The
microcontroller then reads the data register
(offset 04H) to obtain the data at the specified
location. If the Auto Increment bit is set to logic
"1", the device will automatically increment the
address and place the next byte of data into
the data
register, again to be read by the
microcontroller. This process is continued until
the entire packet is read out of RAM. Refer to
Figure 12 for an illustration of the Sequential
Access operation.
When switching between reads and writes, the
pointer must first be written with the starting
address. The pointer may be read at any time
to allow the microcontroller to save the present
pointer value before going into a subroutine. At
least one cycle time should separate the pointer
being loaded and the first read (see timing
parameters).
Access Speed
The ARCNET core is able to accommodate very
fast access cycles to its registers and buffers.
Arbitration to the buffer does not slow down the
cycle because the pointer based access method
allows data to be prefetched from memory and
stored in a temporary register. Likewise, data
to be written is stored in the temporary register
and then written to memory.
A Slow Arbitration Bit is provided in the Setup
Register to slow down the arbitration clock for
buffer accesses at 5 Mbps. The SLOWARB bit
must be set to a "1" for 5 Mbps operation.
SOFTWARE INTERFACE
The 80C32 core interfaces to the ARCNET core
via software by accessing the various registers.
These actions are described in the Internal
Registers section.
The software flow for
accessing the data buffer is based on the
Sequential
Access
scheme.
The
basic
sequence is as follows:
Disable Interrupts
Write to Pointer Register High (specifying
Auto-Increment mode.)
Write to Pointer Register Low (this loads
the address.)
Enable Interrupts
Read or write the Data Register (repeat as
many times as necessary to empty or fill
the buffer.)


Número de pieza similar - COM20051+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051 SMSC-COM20051 Datasheet
269Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051ILJP SMSC-COM20051ILJP Datasheet
309Kb / 74P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
More results

Descripción similar - COM20051+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051 SMSC-COM20051 Datasheet
269Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
Maxim Integrated Produc...
MAX16152 MAXIM-MAX16152 Datasheet
405Kb / 20P
   nanoPower Supervisor and Watchdog Timer
Rev 0; 4/2019
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
logo
Holtek Semiconductor In...
HT1616C HOLTEK-HT1616C Datasheet
211Kb / 13P
   Timer with Dialer Interface
HT1612 HOLTEK-HT1612 Datasheet
627Kb / 14P
   Timer with Dialer Interface
logo
Fortune Semiconductor C...
FS5908 FORTUNE-FS5908 Datasheet
417Kb / 22P
   Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com