Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

COM20051+ Datasheet(PDF) 5 Page - SMSC Corporation

No. de Pieza. COM20051+
Descripción  Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
Descarga  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo 

COM20051+ Datasheet(HTML) 5 Page - SMSC Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
5
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
DESCRIPTION
1
Receive In
RXIN
Input. Network receiver input.
4-11
P1.0-1.7
P1.0-1.7
Input/Output. Port 1 of the 80C32. General
purpose digital I/O port.
12
Reset
RESET
Input. Active high reset.
19
P3.0
P3.0
Input/Output. Port 3 bit 0 of the 8051. RX input of
serial port.
21
nPulse 1
nPULSE1
Output. Network output. Open-drain when
backplane mode is invoked, otherwise it is a push-
pull output.
22-28
P3.1-3.7
P3.1-3.7
Input/Output. Port 3 bits 1-7 of the 8051.
30
Crystal
Oscillator
XTAL1
Input. Oscillator input 1.
29
Crystal
Oscillator
XTAL2
Input. Oscillator input 2.
3,17,31
Ground
VSS
Ground pin.
37
nPulse 2
nPULSE2
Output. Network output. Outputs a synchronous
clock at 2x the data rate when backplane mode is
invoked.
38-45
P2.0-2.7
P2.0-2.7
Input/Output. Port 2 of the 8051. High order
address bus.
46
nProgram Store
Enable
nPSEN
Output.
47
Address Latch
Enable
ALE
Output.
48
Transmit
Enable
TXEN
Output. Active high signal that goes active
whenever data is being transmitted. This signal will
remain low whenever the TXEN bit of the network
controller is reset.
57
nExternal
Address
Enable/Emulate
Enable
nEA/EMUL
Input. When high, causes the 8051's outputs to tri-
state. When low, allows the 8051 to address
external memory. Must be low to execute code
from the embedded 8051.
58-65
P0.7-0.0
P0.7-0.0
Input/Output. Port 0 of the 8051. Multiplexed low
order address/data bus.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn