Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ABT245CSJ Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74ABT245CSJ Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 13 page ©1991 Fairchild Semiconductor Corporation www.fairchildsemi.com 74ABT245 Rev. 1.4 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Note: 2. Either voltage limit or current limit is sufficient to protect inputs. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol Parameter Rating TSTG Storage Temperature –65°C to +150°C TA Ambient Temperature Under Bias –55°C to +125°C TJ Junction Temperature Under Bias –55°C to +150°C VCC VCC Pin Potential to Ground Pin –0.5V to +7.0V VIN Input Voltage(2) –0.5V to +7.0V IIN Input Current(2) –30mA to +5.0mA VO Voltage Applied to Any Output Disabled or Power-off State HIGH State –0.5V to 5.5V –0.5V to VCC Current Applied to Output in LOW State twice the rated IOL (mA) DC Latchup Source Current –500mA Over Voltage Latchup (I/O) 10V Symbol Parameter Rating TA Free Air Ambient Temperature –40°C to +85°C VCC Supply Voltage +4.5V to +5.5V ∆V / ∆t Minimum Input Edge Rate Data Input Enable Input 50mV/ns 20mV/ns |
Número de pieza similar - 74ABT245CSJ |
|
Descripción similar - 74ABT245CSJ |