Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC520SC Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74AC520SC
Descripción Electrónicos  8-Bit Identity Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC520SC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC520SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 9Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 10Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC520, 74ACT520 Rev. 1.4
7
AC Electrical Characteristics for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
An or Bn to O A = B
3.3
4.0
7.5
11.5
3.0
13.0
ns
5.0
2.5
5.5
8.5
2.0
9.5
tPHL
Propagation Delay,
An or Bn to OA = B
3.3
4.5
8.0
12.0
3.5
13.5
ns
5.0
3.0
5.5
9.0
2.5
10.0
tPLH
Propagation Delay,
IA = B to OA = B
3.3
3.5
5.5
8.5
2.5
9.5
ns
5.0
2.5
4.5
6.5
2.0
7.0
tPHL
Propagation Delay,
IA = B to OA = B
3.3
3.5
5.5
8.5
2.5
9.5
ns
5.0
2.5
4.5
6.5
2.0
7.0
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50 pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
An or Bn to O A = B
5.0
3.0
5.5
8.5
2.5
9.5
ns
tPHL
Propagation Delay,
An or Bn to OA = B
5.0
3.0
6.0
10.0
2.5
11.5
ns
tPLH
Propagation Delay,
IA = B to OA = B
5.0
2.0
4.0
6.0
2.0
6.5
ns
tPHL
Propagation Delay,
IA = B to OA = B
5.0
2.5
5.0
7.5
2.0
8.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
40
pF


Número de pieza similar - 74AC520SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC520SC FAIRCHILD-74AC520SC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
More results

Descripción similar - 74AC520SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com