Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA3200DKA5AX Datasheet(PDF) 7 Page - Advanced Micro Devices

No. de pieza ADA3200DKA5AX
Descripción Electrónicos  AMD Athlon??64 Processor Power and Thermal Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DKA5AX Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button ADA3200DKA5AX Datasheet HTML 3Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 4Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 5Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 6Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 7Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 8Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 9Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 10Page - Advanced Micro Devices ADA3200DKA5AX Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
7
Table 1: Revision History
Date
Revision
Description
March 2006
3.51
Added three AMD Turion™ 64 Mobile Technology OPNS: TMSMT32BQX4LD,
TMSMT34BQX5LD, and TMSMT37BQX5LD.
March 2006
3.47
Added OPNs across all processor brands. Added new Section 5
AMD Athlon™ 64 X2 Dual Core Processor. Added new Section 6 MTOPS.
October 2004
3.43
Added OPN for model 4000+ desktop
October 2004
3.41
Added FX-55 OPN. Added desktop OPNs for models 3000+, 3200+, and 3500+.
Documented TCONTROL max parameter for all OPNs. Removed chapters 3, 4, and 6.
August 2004
3.37
Added AMD Sempron™ Processor and Mobile AMD Sempron™ Processor chapters.
Removed model 3100+ 62W OPN. Added DTR Model 3700+ OPN.
July 2004
3.29
Added model 3400+ 62W mobile OPN.
June 2004
3.25
Added rev CG 89W model 3500+, 3700+, and 3800+ OPNs. Added FX-53 939 pin
package OPN. Added one decimal precision to some IDD numbers. Updated
document references.
May 2004
3.21
Added rev CG 35W models 2700+ and 2800+.
April 2004
3.19
Removed rev CG 35W OPN.
April 2004
3.17
Corrected model number formatting for DTR OPNs.
March 2004
3.15
Added rev CG 35W model 2700+ OPN.
March 2004
3.13
Added rev CG model 2800+, 3000+, and 3200+ 89W OPNs. Added FX-53 940 pin
package OPN. Corrected note for C3 state on all Power/Thermal Specification tables.
Added package drawing references for lidless parts in OPN decode section.
January 2004
3.11
Added rev CG entries for existing rev C0 parts. Corrected Max FID code for model
3200+ 62W mobile OPN. Updated FX-51 Halt/Stop Grant power number. Revised
IDD Max and TDP for Intermediate P-state #2 for 754 pin lidless package Rev C0
DTR Model 3200+.
January 2004
3.07
Added model 3400+ DT and DTR parts. Added model 2800+, 3000+, and 3200+ 62W
Mobile parts.
December 2003
3.06
Added model 3000+ desktop part.
November 2003
3.05
General clean up. Updated S3 I/O power for non-FX parts. Fixed mobile OPN
example. Added thermal resistance specifications for all OPNs.
September 2003
3.02
Changed min P-state information to N/A in Table 8, and removed unreleased entries
from Table 4 and Table 14.
September 2003
3.00
Initial public release.


Número de pieza similar - ADA3200DKA5AX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
More results

Descripción similar - ADA3200DKA5AX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com