Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACTQ04MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74ACTQ04MTC
Descripción Electrónicos  Quiet Series Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ04MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ04MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ04MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010890
www.fairchildsemi.com
August 1990
Revised February 2005
74ACTQ04
Quiet Series
¥ Hex Inverter
General Description
The ACTQ04 contains six inverters and utilizes Fairchild
Quiet Series
¥ technology to guarantee quiet output switch-
ing and improved dynamic threshold performance. FACT
Quiet Series
¥ features GTO¥ output control and under-
shoot corrector in addition to a split ground bus for superior
ACMOS performance.
Features
s ICC reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Improved latch-up immunity
s Outputs source/sink 24 mA
s Has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
¥, Quiet Series¥, FACT Quiet Series¥, and GTO¥ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ04SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACTQ04SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACTQ04PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An
Inputs
On
Outputs


Número de pieza similar - 74ACTQ04MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ04MTC FAIRCHILD-74ACTQ04MTC Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
More results

Descripción similar - 74ACTQ04MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_07 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com