Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F191 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74F191
Descripción Electrónicos  Up/Down Binary Counter with Preset and Ripple Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F191 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F191 Datasheet HTML 1Page - Fairchild Semiconductor 74F191 Datasheet HTML 2Page - Fairchild Semiconductor 74F191 Datasheet HTML 3Page - Fairchild Semiconductor 74F191 Datasheet HTML 4Page - Fairchild Semiconductor 74F191 Datasheet HTML 5Page - Fairchild Semiconductor 74F191 Datasheet HTML 6Page - Fairchild Semiconductor 74F191 Datasheet HTML 7Page - Fairchild Semiconductor 74F191 Datasheet HTML 8Page - Fairchild Semiconductor 74F191 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F191 Rev. 1.0.2
2
Unit Loading/Fan Out
Functional Description
The 74F191 is a synchronous up/down 4-bit binary
counter. It contains four edge-triggered flip-flops, with
internal gating and steering logic to provide individual
preset, count-up and count-down operations.
Each circuit has an asynchronous parallel load capability
permitting the counter to be preset to any desired num-
ber. When the Parallel Load (PL) input is LOW, informa-
tion present on the Parallel Data inputs (P0–P3) is loaded
into the counter and appears on the Q outputs. This
operation overrides the counting functions, as indicated
in the Mode Select Table.
A HIGH signal on the CE input inhibits counting. When
CE is LOW, internal state changes are initiated synchro-
nously by the LOW-to-HIGH transition of the clock input.
The direction of counting is determined by the U/D input
signal, as indicated in the Mode Select Table. CE and
U/D can be changed with the clock in either state, pro-
vided only that the recommended setup and hold times
are observed.
Two types of outputs are provided as overflow/underflow
indicators. The Terminal Count (TC) output is normally
LOW and goes HIGH when a circuit reaches zero in the
count-down mode or reaches 15 in the count-up mode.
The TC output will then remain HIGH until a state
change occurs, whether by counting or presetting or until
U/D is changed. The TC output should not be used as a
clock signal because it is subject to decoding spikes.
The TC signal is also used internally to enable the Ripple
Clock (RC) output. The RC output is normally HIGH.
When CE is LOW and TC is HIGH, the RC output will go
LOW when the clock next goes LOW and will stay LOW
until the clock goes HIGH again. This feature simplifies
the design of multistage counters, as indicated in Figure
1 and Figure 2. In Figure 1, each RC output is used as
the clock input for the next higher stage. This configura-
tion is particularly advantageous when the clock source
has a limited drive capability, since it drives only the first
stage. To prevent counting in all stages it is only neces-
sary to inhibit the first stage, since a HIGH signal on CE
inhibits the RC output pulse, as indicated in the RC Truth
Table. A disadvantage of this configuration, in some
applications, is the timing skew between state changes
in the first and last stages. This represents the cumula-
tive delay of the clock as it ripples through the preceding
stages.
A method of causing state changes to occur simulta-
neously in all stages is shown in Figure 2. All clock
inputs are driven in parallel and the RC outputs propa-
gate the carry/borrow signals in ripple fashion. In this
configuration the LOW state duration of the clock must
be long enough to allow the negative-going edge of the
carry/borrow signal to ripple through to the last stage
before the clock goes HIGH. There is no such restriction
on the HIGH state duration of the clock, since the RC
output of any device goes HIGH shortly after its CP input
goes HIGH.
The configuration shown in Figure 3 avoids ripple delays
and their associated restrictions. The CE input for a
given stage is formed by combining the TC signals from
all the preceding stages. Note that in order to inhibit
counting an enable signal must be included in each carry
gate. The simple inhibit scheme of Figure 1 and Figure 2
doesn’t apply, because the TC output of a given stage is
not affected by its own CE.
Pin Names
Description
U.L.
HIGH / LOW
Input IIH / IIL
Output IOH / IOL
CE
Count Enable Input (Active LOW)
1.0 / 3.0
20µA / -1.8mA
CP
Clock Pulse Input (Active Rising Edge)
1.0 / 1.0
20µA / -0.6 mA
P0–P3
Parallel Data Inputs
1.0 / 1.0
20µA / -0.6 mA
PL
Asynchronous Parallel Load Input (Active LOW)
1.0 / 1.0
20µA / -0.6mA
U/D
Up/Down Count Control Input
1.0 / 1.0
20µA / -0.6mA
Q0–Q3
Flip-Flop Outputs
50 / 33.3
-1mA / 20mA
RC
Ripple Clock Output (Active LOW)
50 / 33.3
-1mA / 20mA
TC
Terminal Count Output (Active HIGH)
50 / 33.3
-1mA / 20mA


Número de pieza similar - 74F191

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F191 NSC-74F191 Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F191 NSC-74F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191DCQB NSC-74F191DCQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
More results

Descripción similar - 74F191

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com