Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM50DL128CH56IT Datasheet(PDF) 9 Page - SPANSION

No. de pieza AM50DL128CH56IT
Descripción Electrónicos  Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

AM50DL128CH56IT Datasheet(HTML) 9 Page - SPANSION

Back Button AM50DL128CH56IT Datasheet HTML 5Page - SPANSION AM50DL128CH56IT Datasheet HTML 6Page - SPANSION AM50DL128CH56IT Datasheet HTML 7Page - SPANSION AM50DL128CH56IT Datasheet HTML 8Page - SPANSION AM50DL128CH56IT Datasheet HTML 9Page - SPANSION AM50DL128CH56IT Datasheet HTML 10Page - SPANSION AM50DL128CH56IT Datasheet HTML 11Page - SPANSION AM50DL128CH56IT Datasheet HTML 12Page - SPANSION AM50DL128CH56IT Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
February 6, 2004
Am50DL128CH
7
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAM
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP, BGA, PLCC, PDIP,
SSOP). The package and/or data integrity may be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
G3
G4
G5
G6
G7
G8
F3
F4
F5
F6
F7
F8
E3
E4
E5
E6
E7
E8
D3
D4
D5
D6
D7
D8
C3
C4
C5
C6
C7
C8
B3
B4
B5
B6
B7
B8
NC
NC
NC
CE#f2
RY/BY#2
VSS
NC
A8
A11
WE#
WP#/ACC
LB#
A7
NC
A19
A12
CE2ps
RESET#1
UB#
A6
A3
A9
A13
A20
RY/BY#1
A18
A5
A2
A10
A14
NC
NC
A17
A4
A1
DQ6
NC
G9
F9
E9
D9
C9
B9
NC
NC
A15
A21
NC
A16
NC
NC
DQ1
VSS
A0
M1
NC
NC
A1
G2
F2
E2
D2
C2
B2
M2
A2
M9
NC
A9
NC
M10
NC
A10
NC
NC
NC
H3
H4
H5
H6
H7
H8
DQ13
DQ15
H9
VCCf
DQ4
DQ3
DQ9
OE#
CE#f1
H2
J3
J4
J5
J6
J7
J8
DQ12
DQ7
J9
VSS
VCCps
VCCf
DQ10
DQ0
CE#1fps
J2
K3
K4
K5
K6
K7
K8
DQ5
DQ14
K9
NC
NC
DQ11
DQ2
DQ8
NC
K2
L3
L4
L5
L6
L7
L8
NC
NC
L9
NC
NC
VCCf
VSS
RESET#2
NC
L2
Shared
Flash 1 only
Flash 2 only
Flash 1 and 2
shared
SRAM only
88-Ball FBGA
Top View


Número de pieza similar - AM50DL128CH56IT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM50DL128CH56IT AMD-AM50DL128CH56IT Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
More results

Descripción similar - AM50DL128CH56IT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com