Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LCX540 Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
74LCX540 Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 14 page 5 www.fairchildsemi.com 74LCX540 Rev. 1.0.0 Dynamic Switching Characteristics Capacitance Symbol Parameter Conditions VCC (V) TA = 25°C Units Typical VOLP Quiet Output Dynamic Peak VOL CL = 50pF, VIH = 3.3V, VIL = 0V 3.3 0.8 V CL = 30pF, VIH = 2.5V, VIL = 0V 2.5 0.6 VOLV Quiet Output Dynamic Valley VOL CL = 50pF, VIH = 3.3V, VIL = 0V 3.3 −0.8 V CL = 30pF, VIH = 2.5V, VIL = 0V 2.5 −0.6 Symbol Parameter Conditions Typical Units CIN Input Capacitance VCC = Open, VI = 0V or VCC 7pF COUT Output Capacitance VCC = 3.3V, VI = 0V or VCC 8pF CPD Power Dissipation Capacitance VCC = 3.3V, VI = 0V or VCC, f = 10 MHz 25 pF |
Número de pieza similar - 74LCX540 |
|
Descripción similar - 74LCX540 |