Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVQ240 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
74LVQ240 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions (Note 2) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Note 2: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Note 3: All outputs loaded; thresholds on input associated with output under test. Note 4: Maximum test duration 2.0 ms, one output loaded at a time. Note 5: Incident wave switching on transmission lines with impedances as low as 75 Ω for commercial temperature range is guaranteed for 74LVQ. Note 6: Worst case package. Note 7: Max number of outputs defined as (n). Data Inputs are driven 0V to 3.3V. One output @ GND. Note 8: Max number of Data Inputs (n) switching. n −1 Inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (V ILD), 0V to threshold (VIHD), f = 1 MHz. Supply Voltage (VCC) −0.5V to +7.0V DC Input Diode Current (IIK) VI = −0.5V −20 mA VI = VCC + 0.5V +20 mA DC Input Voltage (VI) −0.5V to V CC + 0.5V DC Output Diode Current (IOK) VO = −0.5V −20 mA VO = VCC + 0.5V +20 mA DC Output Voltage (VO) −0.5V to V CC + 0.5V DC Output Source or Sink Current (IO) ±50 mA DC VCC or Ground Current (ICC or IGND) ±400 mA Storage Temperature (TSTG) −65°C to +150°C DC Latch-Up Source or Sink Current ±300 mA Supply Voltage (VCC) 2.0V to 3.6V Input Voltage (VI) 0V to VCC Output Voltage (VO) 0V to VCC Operating Temperature (TA) −40°C to +85°C Minimum Input Edge Rate ( ∆V/∆t) VIN 0.8V to 2.0V VCC @ 3.0V 125 mV/ns Symbol Parameter VCC TA = +25°CTA = −40°C to +85°C Units Conditions (V) Typ Guaranteed Limits VIH Minimum High Level 3.0 1.5 2.0 2.0 V VOUT = 0.1V Input Voltage or VCC − 0.1V VIL Maximum Low Level 3.0 1.5 0.8 0.8 V VOUT = 0.1V Input Voltage or VCC − 0.1V VOH Minimum High Level 3.0 2.99 2.9 2.9 V IOUT = −50 µA Output Voltage 3.0 2.58 2.48 V VIN = VIL or VIH (Note 3) IOH = −12 mA VOL Maximum Low Level 3.0 0.002 0.1 0.1 V IOUT = 50 µA Output Voltage 3.0 0.36 0.44 V VIN = VIL or VIH (Note 3) IOL = 12 mA IIN Maximum Input Leakage Current 3.6 ±0.1 ±1.0 µAV I = VCC, GND IOLD Minimum Dynamic 3.6 36 mA VOLD = 0.8V Max (Note 5) IOHD Output Current (Note 4) 3.6 −25 mA VOHD = 2.0V Min (Note 5) ICC Maximum Quiescent 3.6 4.0 40.0 µA VIN = VCC Supply Current or GND IOZ Maximum 3-STATE 3.6 ±0.25 ±2.5 µA VI (OE) = VIL, VIH Leakage Current VI = VCC, GND VO = VCC, GND VOLP Quiet Output Maximum Dynamic VOL 3.3 0.4 0.8 V (Note 6)(Note 7) VOLV Quiet Output Minimum Dynamic VOL 3.3 −0.4 −0.8 V (Note 6)(Note 7) VIHD Maximum High Level Dynamic Input Voltage 3.3 1.6 2.0 V (Note 6)(Note 8) VILD Maximum Low Level Dynamic Input Voltage 3.3 1.6 0.8 V (Note 6)(Note 8) |
Número de pieza similar - 74LVQ240_01 |
|
Descripción similar - 74LVQ240_01 |