Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5585ECRZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL5585ECRZ
Descripción Electrónicos  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585ECRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL5585ECRZ Datasheet HTML 4Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 5Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 6Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 7Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 8Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 9Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 10Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 11Page - Intersil Corporation ISL5585ECRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Power Denial, BSEL=0 or 1
ICC
-4.0
6.0
mA
IBL
-0.4
1.0
IBH
-0.4
0.6
mA
ON HOOK POWER DISSIPATION (Note 7)
Forward or Reverse
VBL=-24V
-
55
-
mW
Low Power Standby
VBH=-100V
-
85
-
mW
VBH=-85V
-
75
-
mW
VBH=-75V
-
65
-
mW
Ringing
VBH=-100V
-
250
-
mW
VBH=-85V
-
230
-
mW
VBH=-75V
-
225
-
mW
OFF HOOK POWER DISSIPATION (Note 7)
Forward or Reverse
VB =-24V
-
305
-
mW
POWER SUPPLY REJECTION RATIO
VCC to 2-Wire
f=300Hz
-
40
-
dB
f=1kHz
-
35
-
dB
f=3.4kHz
-
28
-
dB
VCC to 4-Wire
f=300Hz
-
45
-
dB
f=1kHz
-
43
-
dB
f=3.4kHz
-
33
-
dB
VBL to 2-Wire
300Hz
≤ f ≤ 3.4kHz
-
30
-
dB
VBL to 4-Wire
300Hz
≤ f ≤ 3.4kHz
-
35
-
dB
VBH to 2-Wire
300Hz
≤ f ≤ 3.4kHz
-
33
-
dB
VBH to 4-Wire
300Hz
≤ f ≤ 1kHz
-
40
-
dB
1kHz
< f ≤ 3.4kHz
-
45
-
dB
NOTES:
3. These parameters are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial
design release and upon design changes which would affect these characteristics.
4. Differential Ringing Gain is measured with VRS = 0.795VRMS for -100V devices, VRS = 0.663 VRMS for -85V devices and VRS = 0.575VRMS
for -75V devices.
5. Longitudinal Balance is tested per IEEE455-1985, with 368
Ω per Tip and Ring terminal.
6. These parameters are tested 100% at room temperature. These parameters are guaranteed not tested across temperature via statistical
characterization and design.
7. The power dissipation is based on actual device measurements and will be less than worst case calculations based on data sheet supply current
limits.
8. Characterized with 2 x 10
µs, and 10 x 1000µs first level lightning surge waveforms (GR-1089-CORE)
9. For Unbalanced Ringing the Tip terminal is offset to 0V and the Ring terminal is centered at Vbh/2 + 0.5V.
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to 85°C for industrial (I) grade and TA = 0°C to 85°C for commercial (C)
grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All
AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of
300Hz to 3.4kHz. Protection resistors = 0W. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL5585


Número de pieza similar - ISL5585ECRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL5585ECRZ RENESAS-ISL5585ECRZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Descripción similar - ISL5585ECRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com