Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43111IHZ-T Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL43111IHZ-T
Descripción Electrónicos  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43111IHZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL43111IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL43111IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6028.3
April 12, 2005
FIGURE 9. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 10. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 11. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 12. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 13. TURN - ON TIME vs SWITCH VOLTAGE
FIGURE 14. TURN - OFF TIME vs SWITCH VOLTAGE
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
VCOM (V)
024
68
10
12
-50
0
50
100
150
V+ = 3.3V
V+ = 5V
V+ = 12V
V+ = 12V
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40°C
-40°C
85°C
VINH
VINL
25°C
85°C
25°C
V+ (V)
110
90
70
50
30
23456789
10
11
12
40
60
80
100
-40°C
85°C
RL = 300Ω
VCOM = (V+) - 1V
130
120
140
25°C
V+ (V)
50
40
30
20
10
23456789
10
11
12
25°C
-40°C
85°C
RL = 300Ω
VCOM = (V+) - 1V
60
VCOM (V)
10
20
30
40
50
60
RL = 300Ω
V+ = 3.3V
V+ = 5V
V+ = 12V
01
23456
789
10
11
12
VCOM (V)
10
15
20
25
30
35
40
012
34
567
89
10
11
12
RL = 300Ω
V+ = 3.3V
V+ = 5V
V+ = 12V
ISL43110, ISL43111


Número de pieza similar - ISL43111IHZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL43111IHZ-T RENESAS-ISL43111IHZ-T Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

Descripción similar - ISL43111IHZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com