Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5585FCRZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL5585FCRZ
Descripción Electrónicos  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585FCRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL5585FCRZ Datasheet HTML 1Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 2Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 3Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 4Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 5Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 6Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 7Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 8Page - Intersil Corporation ISL5585FCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Pinouts
ISL5585 (PLCC)
TOP VIEW
ISL5585 QFN
TOP VIEW
Device Operating Modes
MODE
F2
F1
F0
E0 = 1 E0 = 0
ISL5585A
ISL5585B
ISL5585C
ISL5585D
ISL5585E
ISL5585F
ISL5585G
Low Power Standby
0
0
0
SHD
GKD
••
Forward Active
0
0
1
SHD
GKD
••
Unbalanced Ringing
0
1
0
RTD
RTD
Reverse Active
0
1
1
SHD
GKD
••
Ringing
1
0
0
RTD
RTD
••
Forward Loop Back
1
0
1
SHD
GKD
••
Tip Open
1
1
0
SHD
GKD
••
Power Denial
1
1
1
n/a
n/a
••
RT
CDC
AUX
-IN
VFB
VCC
VTX
SW-
E0
SW+
SWC
F2
F1
F0
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
2
3
4
19
20
21
22
23
24
25
26
27
28
SW+
SW-
SWC
F2
F1
F0
E0
NC
ILIM
RT
CDC
VCC
-IN
VFB
VTX
AUX
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16
Pin Description
PLCC
QFN
SYMBOL
DESCRIPTION
1
29
TIP
TIP power amplifier output.
2
30
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground.
Internally separate from AGND. This ground must be connected to the same potential as AGND.
3
31
VBL
Low battery supply connection.
4
32
VBH
High battery supply connection for the most negative battery.
5
1
SW+
Uncommitted switch positive terminal.
6
2
SW-
Uncommitted switch negative terminal.
7
3
SWC
Switch control input. This TTL compatible input controls the uncommitted switch, with a logic “0” enabling the switch
and logic “1” disabling the switch.
8
4
F2
Mode Control Input - MSB. F2-F0 for the TTL compatible parallel control interface for controlling the various modes of
operation of the device.
9
5
F1
Mode control input.
ISL5585


Número de pieza similar - ISL5585FCRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL5585FCRZ RENESAS-ISL5585FCRZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Descripción similar - ISL5585FCRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com