Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43240IA Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL43240IA
Descripción Electrónicos  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43240IA Datasheet HTML 1Page - Intersil Corporation ISL43240IA Datasheet HTML 2Page - Intersil Corporation ISL43240IA Datasheet HTML 3Page - Intersil Corporation ISL43240IA Datasheet HTML 4Page - Intersil Corporation ISL43240IA Datasheet HTML 5Page - Intersil Corporation ISL43240IA Datasheet HTML 6Page - Intersil Corporation ISL43240IA Datasheet HTML 7Page - Intersil Corporation ISL43240IA Datasheet HTML 8Page - Intersil Corporation ISL43240IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6036.2
ISL43240
Low-Voltage, Single and Dual Supply,
Quad SPDT, High Performance Analog
Switches
The Intersil ISL43240 device is a CMOS, precision, quad
SPDT analog switches designed to operate from a single +2V
to +12V supply or from a ±2V to ±6V supply. Targeted
applications include battery powered equipment that benefit
from the devices’ low power consumption (5
µW), low leakage
currents (5nA max), and fast switching speeds (tON = 52ns,
tOFF =40ns). A 5Ω maximum RON flatness ensures signal
fidelity, while channel-to-channel mismatch is guaranteed to
be less than 2
Ω.
The ISL43240 is a quad single-pole / double-throw (SPDT)
device and can be used as a quad SPDT, a quad 2:1
multiplexer, a single 4:1 multiplexer, or a dual 2-channel
differential multiplexer.
Table 1 summarizes the performance of this family.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• AN557 “Recommended Test Procedures for Analog
Switches”
Features
• Fully Specified for 10% Tolerances at VS = ±5V and
V+ = 12V, 5V and 3.3V
• Four Separately Controlled SPDT Switches
• ON Resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . 18Ω
•RON Matching Between Channels. . . . . . . . . . . . . . . . . .<1Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<5µW
• Low Off Leakage Current (Max at 85oC) . . . . . . . . . 2.5nA
• Fast Switching Action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
• Guaranteed Break-Before-Make
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-free Available
Applications
• Battery Powered, Handheld, and Portable Equipment
- Barcode Scanners
- Laptops, Notebooks, Palmtops
• Communications Systems
-Radios
- XDSL and PBX / PABX
- RF “Tee” Switches
- Base Stations
• Test Equipment
- Medical Ultrasound
- Electrocardiograph
-ATE
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
TABLE 1. FEATURES AT A GLANCE
CONFIGURATION
QUAD SPDT
±4.5V R
ON
18
±4.5V tON/tOFF
52ns/40ns
10.8V RON
14
10.8V tON/tOFF
40ns/27ns
4.5V RON
30
4.5V tON/tOFF
64ns/29ns
3V RON
51
3V tON/tOFF
120ns/50ns
Packages
20 Ld SSOP, 20 Ld QFN 4x4
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL43240IA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43240IA INTERSIL-ISL43240IA Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL43240IA-T INTERSIL-ISL43240IA-T Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240IAZ RENESAS-ISL43240IAZ Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
More results

Descripción similar - ISL43240IA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com