Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5585GCMZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL5585GCMZ
Descripción Electrónicos  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585GCMZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL5585GCMZ Datasheet HTML 1Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 2Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 3Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 4Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 5Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 6Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 7Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 8Page - Intersil Corporation ISL5585GCMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Absolute Maximum Ratings TA = 25°C
Thermal Information
Maximum Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
VCC - VBH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110V
Uncommitted Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . -110V
Maximum Tip/Ring Negative Voltage Pulse (Note 8). . . . . . . VBH -15V
Maximum Tip/Ring Positive Voltage Pulse (Note 8) . . . . . . . . . . . .+8V
ESD (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V
Operating Conditions
Temperature Range
Commercial (C suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 85°C
Industrial (I suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Positive Power Supply (VCC) . . . . . . . . . . . . . . . . . . . . +3.3V ±10%
Low Battery Power Supply (VBL) . . . . . . . . . . . . . -16V to -52V, ±5%
High Battery Power Supply (VBH)
ISL5585AIM, CIM, GCM, GCR . . . . . . . . . . . . . . .VBL to 100V, ±5%
ISL5585BIM, DIM. . . . . . . . . . . . . . . . . . . . . . . . VBL to -85V, ±10%
ISL5585ECM, ECR, FCM, FCR. . . . . . . . . . . . . VBL to -75V, ±10%
Uncommitted Switch (loop back or relay driver). . . . . . +5V to -100V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
PLCC (Note 1) . . . . . . . . . . . . . . . . . . .
55
N/A
QFN (Note 2) . . . . . . . . . . . . . . . . . . . .
28
1
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(PLCC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
Die Characteristics
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBH
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to 85°C for industrial (I) grade and TA = 0°C to 85°C for commercial (C)
grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All
AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of
300Hz to 3.4kHz. Protection resistors = 0W.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING PARAMETERS
VRS Input Impedance (Note 3)
450
-
-
k
Differential Ringing Gain (Note 4)
Balanced Ringing, VRS to 2-Wire, RLOAD=
78
80
82
V/V
Unbalanced Ringing, VRS to 2-Wire, RLOAD=
38
40
42
V/V
Centering Voltage Accuracy
Tip, Referenced to VBH/2 + 0.5 (Note 9)
-
± 2.5
-
V
Ring, Referenced to VBH/2 + 0.5
-
± 2.5
-
V
Open Circuit Ringing Voltage
Balanced Ringing, VRS Input=0.840VRMS
-67-
VRMS
Unbalanced Ringing, VRS Input=0.840VRMS
-
33.5
-
VRMS
Ringing Voltage Total Distortion
RL=1.3 kΩ, VT-R=|VBH| -5
-
-
4.0
%
4-Wire to 2-Wire Ringing Off Isolation
Active Mode, Referenced to VRS Input
-
90
-
dB
2-Wire to 4-Wire Transmit Isolation
Ringing Mode Referenced to the Differential Ringing
Amplitude
-80-
dB
AC TRANSMISSION PARAMETERS
Auxiliary Input Impedance (Note 3)
160
-
-
k
Transmit Output Impedance (Note 3)
-
-
1
4-Wire Port Overload Level
THD=1%
-
1.0
-
VPK
2-Wire Port Overload Level
THD=1%
3.1
3.5
-
VPK
ISL5585


Número de pieza similar - ISL5585GCMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL5585GCMZ RENESAS-ISL5585GCMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Descripción similar - ISL5585GCMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com