Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1209IU10Z Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL1209IU10Z
Descripción Electrónicos  Low Power RTC with Battery Backed SRAM and Event Detection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1209IU10Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL1209IU10Z Datasheet HTML 1Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 2Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 3Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 4Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 5Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 6Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 7Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 8Page - Intersil Corporation ISL1209IU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN6109.4
October 17, 2006
I2C Interface Specifications
Test Conditions:VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNITS
VIL
SDA and SCL input buffer LOW
voltage
-0.3
0.3 x
VDD
V
VIH
SDA and SCL input buffer HIGH
voltage
0.7 x
VDD
VDD +
0.3
V
Hysteresis
SDA and SCL input buffer hysteresis
0.05 x
VDD
V
VOL
SDA output buffer LOW voltage,
sinking 3mA
VDD = 5V, IOL = 3mA
0.4
V
Cpin
SDA and SCL pin capacitance
TA = +25°C, f = 1MHz, VDD =5V, VIN =0V,
VOUT =0V
10
pF
fSCL
SCL frequency
400
kHz
tIN
Pulse width suppression time at SDA
and SCL inputs
Any pulse narrower than the max spec is
suppressed.
50
ns
tAA
SCL falling edge to SDA output data
valid
SCL falling edge crossing 30% of VDD, until SDA
exits the 30% to 70% of VDD window.
900
ns
tBUF
Time the bus must be free before the
start of a new transmission
SDA crossing 70% of VDD during a STOP
condition, to SDA crossing 70% of VDD during
the following START condition.
1300
ns
tLOW
Clock LOW time
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
Clock HIGH time
Measured at the 70% of VDD crossing.
600
ns
tSU:STA
START condition setup time
SCL rising edge to SDA falling edge. Both
crossing 70% of VDD.
600
ns
tHD:STA
START condition hold time
From SDA falling edge crossing 30% of VDD to
SCL falling edge crossing 70% of VDD.
600
ns
tSU:DAT
Input data setup time
From SDA exiting the 30% to 70% of VDD
window, to SCL rising edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input data hold time
From SCL falling edge crossing 30% of VDD to
SDA entering the 30% to 70% of VDD window.
20
900
ns
tSU:STO
STOP condition setup time
From SCL rising edge crossing 70% of VDD, to
SDA rising edge crossing 30% of VDD.
600
ns
tHD:STO
STOP condition hold time
From SDA rising edge to SCL falling edge. Both
crossing 70% of VDD.
600
ns
tDH
Output data hold time
From SCL falling edge crossing 30% of VDD,
until SDA enters the 30% to 70% of VDD window.
0ns
tR
SDA and SCL rise time
From 30% to 70% of VDD.
20 +
0.1 x Cb
300
ns
tF
SDA and SCL fall time
From 70% to 30% of VDD.
20 +
0.1 x Cb
300
ns
Cb
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
SDA and SCL bus pull-up resistor
off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2~2.5k
Ω.
For Cb = 40pF, max is about 15~20k
1k
NOTES:
1. IRQ & FOUT and EVDET Inactive.
2. LPMODE = 0 (default).
3. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
4. Typical values are for T = +25°C and 3.3V supply voltage.
5. VSUP = VDD if in VDD Mode, VSUP=VBAT if in VBAT Mode.
ISL1209


Número de pieza similar - ISL1209IU10Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1209IU10Z INTERSIL-ISL1209IU10Z Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209IU10Z RENESAS-ISL1209IU10Z Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209IU10Z-TK INTERSIL-ISL1209IU10Z-TK Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Descripción similar - ISL1209IU10Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com