Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28278FAZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28278FAZ
Descripción Electrónicos  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28278FAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28278FAZ Datasheet HTML 1Page - Intersil Corporation ISL28278FAZ Datasheet HTML 2Page - Intersil Corporation ISL28278FAZ Datasheet HTML 3Page - Intersil Corporation ISL28278FAZ Datasheet HTML 4Page - Intersil Corporation ISL28278FAZ Datasheet HTML 5Page - Intersil Corporation ISL28278FAZ Datasheet HTML 6Page - Intersil Corporation ISL28278FAZ Datasheet HTML 7Page - Intersil Corporation ISL28278FAZ Datasheet HTML 8Page - Intersil Corporation ISL28278FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6145.1
ISL28278, ISL28478
Dual Micropower Single Supply
Rail-to-Rail Input and Output (RRIO)
Precision Op-Amp
The ISL28278 and ISL28478 are Dual and Quad channel
micropower precision operational amplifier optimized for
single supply operation at 5V and can operate down to 2.4V.
For equivalent performance in a single channel op-amp
reference EL8178.
The ISL28278 and ISL28478 feature an Input Range
Enhancement Circuit (IREC) which enables both parts to
maintain CMRR performance for input voltages equal to the
positive and negative supply rails. The input signal is
capable of swinging 10% above the positive supply rail and
to 100mV below the negative supply with only a slight
degradation of the CMRR performance. The output
operation is rail to rail.
The both parts draw minimal supply current while meeting
excellent DC-accuracy, AC-performance, noise and output
drive specifications.
The ISL28278 and ISL28478 can be operated from one
lithium cell or two Ni-Cd batteries. The input range includes
both positive and negative rail.
Ordering Information
Features
• Low Power 120µA typ supply current for both channels
• 225µV max offset voltage
• 30pA typ input bias current
• 300kHz gain-bandwidth product
• 100dB typ PSRR and CMRR
• Single supply operation down to 2.4V
• Input is capable of swinging above V+ and below V-
(ground sensing)
• Rail-to-rail input and output (RRIO)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 25mA current loops
• Handheld consumer products
• Medical devices
• Thermocouple amplifiers
• Photodiode pre-amps
• pH probe amplifiers
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
ISL28278FAZ
(See Note)
28278FAZ
97/Tube
16 Ld QSOP
(Pb-free)
MDP0040
ISL28278FAZ-T7
(See Note)
28278FAZ
7”
(1000 pcs)
16 Ld QSOP
(Pb-free)
MDP0040
Coming Soon
ISL28478FAZ
(Note)
28478FAZ
97/Tube
16 Ld QSOP
(Pb-free)
MDP0040
Coming Soon
ISL28478FAZ-T7
(Note)
28478FAZ
7”
(1000 pcs)
16 Ld QSOP
(Pb-free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
September 28, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL28278FAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28278FAZ INTERSIL-ISL28278FAZ Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

Descripción similar - ISL28278FAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com