Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL51002EVALZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL51002EVALZ
Descripción Electrónicos  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002EVALZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL51002EVALZ Datasheet HTML 1Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 2Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 3Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 4Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 5Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 6Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 7Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 8Page - Intersil Corporation ISL51002EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
December 22, 2006
Absolute Maximum Ratings
Thermal Information
3.3V Supply Voltage (VA3.3, VD3.3, VPLLA3.3) . . . . . . . . . . . . . 4.6V
1.8V Supply Voltage (VA1.8, VD1.8, VADCD1.8). . . . . . . . . . . . . 2.5V
Voltage on any Input Pin . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage Range . . . . . . . . . . . . . . . . . 3.3V ±10%, 1.8V ±10%
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
MQFP Package . . . . . . . . . . . . . . . . . .
30
16
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOIC, PLCC, etc. Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +25°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
TYP
MAX
UNITS
FULL CHANNEL CHARACTERISTICS
Conversion Rate
ISL51002-110
10
110
MHz
ISL51002-150
10
150
MHz
ISL51002-165
10
165
MHz
ADC Resolution
10
Bits
Missing Codes
Guaranteed monotonic
None
DNL
(Full-Channel)
Differential Non-Linearity
ISL51002-110
-0.99
±0.5
+1.2
LSB
ISL51002-150
-0.99
±0.7
+1.3
LSB
ISL51002-165
-0.99
±0.8
+1.4
LSB
INL
(Full-Channel)
Integral Non-Linearity
ISL51002-110
±1.9
±3.6
LSB
ISL51002-150
±2.0
±3.8
LSB
ISL51002-165
±2.6
±4.0
LSB
Gain Adjustment Range
±6
dB
Gain Adjustment Resolution
10
Bits
Gain Matching Between
Channels
Percent of full scale
±2
%
Full Channel Offset Error,
ABLC™ enabled
ADC LSBs,
over time and temperature
±0.5
±3.0
LSB
Offset Adjustment Range
(ABLC™ enabled or disabled)
(see ABLC™ applications information
section)
±50%
ADC
Fullscale
ANALOG VIDEO INPUT CHARACTERISTICS (RIN0-3, GIN0-3, BIN0-3)
Input Range
0.35
0.7
2.2
VP-P
Input Bias Current
DC restore clamp off
±0.01
±1
µA
Input Capacitance
5
pF
ISL51002


Número de pieza similar - ISL51002EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL51002EVALZ INTERSIL-ISL51002EVALZ Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002EVALZ INTERSIL-ISL51002EVALZ Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
logo
Renesas Technology Corp
ISL51002EVALZ RENESAS-ISL51002EVALZ Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

Descripción similar - ISL51002EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002 INTERSIL-ISL51002_07 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com