Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL8010 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL8010
Descripción Electrónicos  Monolithic 600mA Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8010 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8010_06 Datasheet HTML 1Page - Intersil Corporation ISL8010_06 Datasheet HTML 2Page - Intersil Corporation ISL8010_06 Datasheet HTML 3Page - Intersil Corporation ISL8010_06 Datasheet HTML 4Page - Intersil Corporation ISL8010_06 Datasheet HTML 5Page - Intersil Corporation ISL8010_06 Datasheet HTML 6Page - Intersil Corporation ISL8010_06 Datasheet HTML 7Page - Intersil Corporation ISL8010_06 Datasheet HTML 8Page - Intersil Corporation ISL8010_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6191.4
July 12, 2006
Performance Curves and Waveforms
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
FIGURE 1. EFFICIENCY vs IO (PFM/PWM MODE)
FIGURE 2. EFFICIENCY vs IO (PWM MODE)
FIGURE 3. EFFICIENCY vs IO (PFM/FWM MODE)
FIGURE 4. EFFICIENCY vs IO (PWM MODE)
FIGURE 5. FS vs JUNCTION TEMPERATURE (PWM MODE)
FIGURE 6. LOAD REGULATIONS (PWM MODE)
40
45
50
55
60
65
70
75
80
85
90
95
100
110
100
600
IO (mA)
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VIN=5V
VO=1.0V
VO=0.8V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
600
IO (mA)
VO=3.3V
VO=2.5V
VO=1.2V
VO=0.8V
VIN=5V
VO=1.0V
VO=1.8V
VO=1.5V
40
45
50
55
60
65
70
75
80
85
90
95
100
1
10
100
600
IO (mA)
VO=2.5V
VO=1.5V
VO=1.2V
VO=0.8V
VIN=3.3V
VO=1.0V
VO=1.8V
0
10
20
40
50
60
70
80
90
100
110
100
600
IO (mA)
30
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
VO=0.8V
VIN=3.3V
1.32
1.34
1.36
1.38
1.4
1.42
1.44
-50
0
50
100
150
TA (°C)
VIN=5V IO=600mA
VIN=3.3V IO=600mA
VIN=5V IO=0A
VIN=3.3V IO=0A
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
0.2
0.4
0.6
0.8
1
IO (A)
VIN=3.3V
VIN=5V
ISL8010


Número de pieza similar - ISL8010_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
More results

Descripción similar - ISL8010_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com