Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1585A Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FAN1585A
Descripción Electrónicos  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1585A_05 Datasheet HTML 1Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRODUCT SPECIFICATION
FAN1585A
REV. 1.1.6 7/8/05
3
Electrical Characteristics
Tj = 25°C unless otherwise specified.
The
denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is determined by input/
output differential and the output currrent. Guaranteed maximum output power will not be available over the full input/output
voltage range.
3. FAN1585A only.
4. FAN1585A-1.5 only.
5. FAN1585A-1.8 only.
Parameter
Conditions
Min.
Typ.
Max
Units
Reference Voltage3
1.5V
≤ (VIN – VOUT) ≤ 5.75V,
10mA
≤ IOUT ≤ 5A
1.225
(-2%)
1.250
1.275
(+2%)
V
Output Voltage4
3.0V
≤ VIN ≤ 8V
10mA
≤ IOUT ≤ 5A
1.47
1.5
1.53
V
Output Voltage5
3.3V
≤ VIN ≤ 8.3V
10mA
≤ IOUT ≤ 5A
1.764
1.8
1.836
V
Line Regulation1, 2
(VOUT + 1.5V)
≤ VIN ≤ 12V,
IOUT
= 10mA
0.005
0.2
%
Load Regulation1, 2, 3
(VIN – VOUT) = 3V,
10mA
≤ IOUT ≤ 5A
0.05
0.5
%
Dropout Voltage
∆VREF = 1%, IOUT = 5A
1.150
1.300
V
Current Limit
(VIN – VOUT) = 2V
5.1
5.9
A
Adjust Pin Current3
35
120
µA
Adjust Pin Current Change3 1.5V
≤ (VIN – VOUT) ≤ 5.75V,
10mA
≤ IOUT ≤ 5A
0.2
5
µA
Minimum Load Current
1.5V
≤ (VIN – VOUT) ≤ 12V
10
mA
Quiescent Current
VIN = 5V
413
mA
Ripple Rejection
f = 120Hz, COUT = 22
µF Tantalum,
(VIN – VOUT) = 3V, IOUT = 5A
60
72
dB
Thermal Regulation
TA = 25
°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125
°C, 1000 hrs.
0.03
1.0
%
RMS Output Noise
(% of VOUT)
TA = 25
°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance,
Junction to Case
TO-220, TO-252, TO-263, and
TO-263 CC
3
°C/W
Thermal Shutdown
150
°C


Número de pieza similar - FAN1585A_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1585AM15X FAIRCHILD-FAN1585AM15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AM18X FAIRCHILD-FAN1585AM18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC15X FAIRCHILD-FAN1585AMC15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC18X FAIRCHILD-FAN1585AMC18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMCX FAIRCHILD-FAN1585AMCX Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Descripción similar - FAN1585A_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com