Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59533IKEZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL59533IKEZ
Descripción Electrónicos  32x32 Video Crosspoint with Differential Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59533IKEZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59533IKEZ Datasheet HTML 1Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 2Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 3Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 4Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN6222.0
March 13, 2006
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . . . .6V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Ambient Operating Temperature . . . . . . . . . . . . -TBD°C to +TBD°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . -TBD°C to +TBD°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = 5V
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VS
Supply Range
4.5
5.5
V
VD
Digital Supply
Establishes serial output high level
1.2
5.5
V
G
Gain
G = 1, RL = 500Ω
0.9711.03
V/V
G = 2, RL = 150Ω
1.9422.06
%
GM
Gain Matching (to average of all other
outputs)
G = 1
-1.5
1
1.5
%
G = 2
0.5
1.0
%
VIN
Input Voltage Range
G = 1
0
3.5
V
VOUT
Output Voltage Range
G = 2, RL = 150Ω
04.0
V
IB
Input Bias Current
715
µA
VOS
Output Offset Voltage
AV = 1
-25
0
25
mV
AV = 2
-70
0
70
mV
IOUT
Output Current
Sourcing, RL = 10Ω to GND
60
100
mA
Sinking, RL to 2.5V
25
35
mA
PSRR
Power Supply Rejection Ratio
dB
IS
Supply Current
Enabled, all outputs enable, no load current
600
700
mA
Enable, all outputs disable, no load current
245
mA
Disabled
1.6
2.2
mA
Supply current per output channel
9.5
mA
AC Electrical Specifications
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
BW -3dB
3dB Bandwidth
VOUT = 200mVP-P, AV = 2
320
MHz
BW 0.1dB
0.1dB Bandwidth
VOUT = 200mVP-P, AV = 2
50
MHz
SR
Slew Rate
VOUT = 2VP-P, AV = 2
360
470
V/µs
TS
Settling Time to 0.1%
VOUT = 2VP-P, AV = 2
12
ns
Glitch
Switching Glitch, Peak
AV = 1
40
mV
Tover
Overlay Delay Time
Beginning of output transition
6
ns
dG/dP
Diff Gain
AV = 2, RL = 150Ω
0.01
%
Diff Phase
AV = 2, RL = 150Ω
0.03
%
Xt
Hostile Crosstalk
6MHz
80
dB
VN
Input Noise Voltage
42
nV/
√Hz
ISL59533


Número de pieza similar - ISL59533IKEZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
More results

Descripción similar - ISL59533IKEZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532_07 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com