Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59534 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL59534
Descripción Electrónicos  32x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59534 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59534 Datasheet HTML 1Page - Intersil Corporation ISL59534 Datasheet HTML 2Page - Intersil Corporation ISL59534 Datasheet HTML 3Page - Intersil Corporation ISL59534 Datasheet HTML 4Page - Intersil Corporation ISL59534 Datasheet HTML 5Page - Intersil Corporation ISL59534 Datasheet HTML 6Page - Intersil Corporation ISL59534 Datasheet HTML 7Page - Intersil Corporation ISL59534 Datasheet HTML 8Page - Intersil Corporation ISL59534 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN6249.5
February 7, 2007
VREF
M3
DC-restore clamp reference input. In an
AC-coupled configuration (DC-Restore
clamp enabled), the sync tip of
composite video inputs will be restored
to this level. Set to 0.3 to 0.7V for
optimum performance.
In an DC-coupled configuration
(DC-Restore clamp disabled), this pin
should be tied to ground.
Do not let the VREF pin float! A
floating VREF pin drifts high and, if the
clamp function is enabled, will cause all
of the outputs to simultaneously try to
drive ~4V DC into their 150
Ω loads.
SLATCH
J3
Serial Latch. Serial data is latched into
ISL59534 on rising edge of SLATCH.
SCLK
K3
Serial data clock
SDI
L3
Serial data input
SDO
G3
Serial data output. Can be tied to SDI of
another ISL59534 to enable
daisy-chaining of multiple devices.
RESET
H3
Reset input. Pull high then low to reset
device, but not needed in normal
operation. Tie to ground in final applica-
tion.
VSDO
D3
Power supply for SDO pin. Tie to +5V
for a 0 to 5V SDO output signal swing.
VS
+5V power supply
GND
Ground
NC
No Connect - Do not electrically con-
nect to anything, including ground.
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
ISL59534


Número de pieza similar - ISL59534

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Intersil Corporation
ISL59534IKEZ INTERSIL-ISL59534IKEZ Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534IKEZ RENESAS-ISL59534IKEZ Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Intersil Corporation
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
More results

Descripción similar - ISL59534

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com