Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5331 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN5331
Descripción Electrónicos  High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5331_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 9Page - Fairchild Semiconductor FAN5331_05 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
FAN5331 Rev. 1.0.1
Mechanical Dimensions
5-Lead SOT-23Package
Ordering Information
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
A
.035
.057
.90
1.45
A1
.000
.006
.00
.15
B
.008
.020
.20
.50
c
.003
.010
.08
.25
D
.106
.122
2.70
3.10
E
.059
.071
1.50
1.80
e
.037 BSC
.95 BSC
e1
.075 BSC
1.90 BSC
H
.087
.126
2.20
3.20
L
.004
.024
.10
.60
10º
10º
Product Number
Package Type
Order Code
FAN5331
5-Lead SOT23
FAN5331SX
D
e1
e
B
E
H
A
A1
α


Número de pieza similar - FAN5331_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5331SX FAIRCHILD-FAN5331SX Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
More results

Descripción similar - FAN5331_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com