Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5331 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN5331
Descripción Electrónicos  High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5331 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5331 Datasheet HTML 2Page - Fairchild Semiconductor FAN5331 Datasheet HTML 3Page - Fairchild Semiconductor FAN5331 Datasheet HTML 4Page - Fairchild Semiconductor FAN5331 Datasheet HTML 5Page - Fairchild Semiconductor FAN5331 Datasheet HTML 6Page - Fairchild Semiconductor FAN5331 Datasheet HTML 7Page - Fairchild Semiconductor FAN5331 Datasheet HTML 8Page - Fairchild Semiconductor FAN5331 Datasheet HTML 9Page - Fairchild Semiconductor FAN5331 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FAN5331 Rev. 1.0.1
The inductor saturation current should be rated around 1A,
which is the threshold of the internal current limit circuit. This
limit is reached only during the start-up and with heavy load
condition; when this event occurs the converter can shift over in
discontinuous conduction mode due to the automatic turn-off of
the switching transistor, resulting in higher ripple and reduced
efficiency.
Some recommended inductors are suggested in the table
below:
Table 1: Recommended Inductors
Capacitors Selection
For best performance, low ESR input and output capacitors are
required. Ceramic capacitors in the range 4.7µF to 10µF, placed
as close to the IC pins, are recommended for the lower input
and output ripple. The output capacitor voltage rating should be
according to the VOUT setting.
A feed forward capacitor CF, is required for stability. The recom-
mended value (R1 x CF) is around 18µS. Some capacitors are
suggested in the table below.
Table 2: Recommended Capacitors
Diode Selection
The external diode used for rectification is usually a Schottky
diode. Its average forward current and reverse voltage maxi-
mum ratings should exceed the load current and the voltage at
the output of the converter respectively. A barrier Schottky diode
such as BAT54 is preferred, due to its lower reverse current over
the temperature range.
Care should be taken to avoid any short circuit of VOUT to GND,
even with the IC disabled, since the diode can be instantly dam-
aged by the excessive current.
Thermal Shutdown
When the die temperature exceeds 150°C, a reset occurs and
will remain in effect until the die cools to 130°C, at that time the
circuit will be allowed to restart.
PCB Layout Recommendations
The inherently high peak currents and switching frequency of
power supplies require careful PCB layout design. Therefore,
use wide traces for high current paths and place the input
capacitor, the inductor, and the output capacitor as close as
possible to the integrated circuit terminals. The resistor divider
that sets the output voltage should be routed away from the
inductor to avoid RF coupling. A four layer PCB with at least one
ground plane connected to the pin 2 of the IC is recommended.
This ground plane acts as an electromagnetic shield to reduce
EMI and parasitic coupling between components.
Figure 5. Recommended Layout
Application Examples
1. LED Driver
One or more serial LED strings can be driven with a constant
current, set by the series resistor, given by
Figure 6. Low Noise Boost LED Driver
Inductor
Value
Vendor
Part Number
Comment
10µH
Panasonic
ELL6GM100M
Lower Profile
(1.6mm)
10µH
Murata
LQS66SN100M03L
Highest
Efficiency
10µH
Coilcraft
DO1605T-103Mx
Small Size
Capacitor
Value
Vendor
Part Number
4.7µF
Panasonic
ECJ3YB1C475K
4.7µF
Murata
GRM31CR61C475
I
LED
1.23V
R1
----------------
=
SHDN
VIN
VOUT
R1
R2
GND
V
IN
FB
SW
CIN
10µH
1
3
2
4
5
4.7
µF
COUT
L
BAT54
4.7
µF
2.7V to 5.5V
ON
OFF


Número de pieza similar - FAN5331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331SX FAIRCHILD-FAN5331SX Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
More results

Descripción similar - FAN5331

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com