Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5608 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5608
Descripción Electrónicos  Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5608 Datasheet HTML 2Page - Fairchild Semiconductor FAN5608 Datasheet HTML 3Page - Fairchild Semiconductor FAN5608 Datasheet HTML 4Page - Fairchild Semiconductor FAN5608 Datasheet HTML 5Page - Fairchild Semiconductor FAN5608 Datasheet HTML 6Page - Fairchild Semiconductor FAN5608 Datasheet HTML 7Page - Fairchild Semiconductor FAN5608 Datasheet HTML 8Page - Fairchild Semiconductor FAN5608 Datasheet HTML 9Page - Fairchild Semiconductor FAN5608 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5608 Rev. 1.0.5 • 8/8/06
6
Digital Static Control
The FAN5608’s digital decoder allows selection of the
following modes of operation: OFF, 5mA, 10mA, and
20mA per channel.
A
0
1
0
1
B
0
0
1
1
ILED
OFF
5mA
10mA
20mA
Analog Static Control
In Analog Mode, B1 and B2 inputs should be connected
to GND or “0” logic. A1 and A2 control the LED current
through an external resistor (R), as shown in Figure 4, or
an external voltage (VEXT) input.
The ILED value can be calculated using the formula or
the graph below:
EQ 2
where 1.2V < VEXT ≤ R(kΩ) x 0.020(mA) + 1.2V and the
current multiplication ratio is according to the Electrical
Specifications table. The R value should be in the (10kΩ
to 50kΩ) range.
1.0
1.25
1.5
1.75
2
2.25
VEXT (V)
R=50k
R=10k
0
5
10
15
20
25
Figure 7. Analog Control
PWM Control in Digital Dynamic Mode
In Digital Dynamic Mode, if inputs A1 and/or A2 are
externally driven by an open-drain output, the pull-up
resistance should be less than 10kΩ to ensure less than
0.7V dropout; VA > (VIN – 0.7V), as required for HIGH logic
level.
The logic level HIGH (VH) and logic level LOW (VL) of
the PWM signal should be:
(VIN – 0.7V) < VH < VIN
EQ 3
and
0 < VL < 0.6V.
EQ 4
The frequency of the PWM signal should be within the
50Hz to 1kHz range, by default, or 30kHz at any input if
the other input is kept HIGH.
PWM Control in Analog Dynamic Mode
In Analog Dynamic Mode, the logic level HIGH (VH) and
logic level LOW (VL) of the PWM signal should be:
VH = VEXT and 0 < VL < 0.6V.
EQ 5
The frequency of the PWM signal should be in the range
from 50Hz to 1kHz. The VEXT amplitude sets the
maximum LED current, while the duty cycle of the PWM
signal sets the average current between 0mA and ILED
maximum.
Open-Circuit Protection
The FAN5608 has an internal over-voltage protection
mechanism that prevents damage to the IC in a no-load
condition. If CH1 and/or CH2 LEDs are enabled in an
open-circuit condition, FAN5608 automatically sets the
duty cycle to 25%. The output voltage can reach as high
as 50V at maximum VIN (5.5V). Depending on the
capacitor’s rating, the output capacitor may be at risk in
this condition.
Shutdown Mode
Each channel can be independently disabled by
applying LOW logic level voltage to the appropriate A
and B inputs. When both channels are disabled, the
FAN5608 enters shutdown mode and the supply current
is reduced to less than 1μA.


Número de pieza similar - FAN5608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608 Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608DMPX FAIRCHILD-FAN5608DMPX Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608HMPX FAIRCHILD-FAN5608HMPX Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608MPX FAIRCHILD-FAN5608MPX Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

Descripción similar - FAN5608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608 Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com