Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6520AIMX Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FAN6520AIMX
Descripción Electrónicos  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AIMX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6520AIMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 9Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 10Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 11Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 12Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 13Page - Fairchild Semiconductor FAN6520AIMX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6520A Rev. 1.0.5
10
1.25 times greater than the maximum input voltage. A
voltage rating of 1.5 times is a conservative guideline.
The RMS current rating requirement (IRMS) for the input
capacitor of a buck regulator is:
where the converter duty cycle is
.
For a through-hole design, several electrolytic capacitors
may be needed. For surface-mount designs, solid tanta-
lum capacitors can be used, but caution must be exer-
cised with regard to the capacitor’s surge current rating.
The capacitors must be capable of handling the surge
current at power-up. Some capacitor series available
from reputable manufacturers are surge current tested.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBOOT) and the internal diode, as shown in Figure 1.
Select these components after the high-side MOSFET
has been chosen. The required capacitance is deter-
mined using the following equation:
where QG is the total gate charge of the high-side MOS-
FET and
ΔV
BOOT is the voltage droop allowed on the
high-side MOSFET drive. To prevent loss of gate drive,
the bootstrap capacitance should be at least 50 times
greater than the CISS of Q1.
Thermal Considerations
Total device dissipation:
PD = PQ + PHDRV + PLDRV
(14)
where PQ represents quiescent power dissipation.
PQ = VCC × [4mA + 0.036 (FSW – 100)]
(15)
where FSW is switching frequency (in kHz).
PHDRV represents internal power dissipation of the upper
FET driver.
PHDRV = PH(R) × PH(F)
(16)
where PH(R) and PH(F) are internal dissipations for the
rising and falling edges respectively.
where:
PQ1 = QG1 × VGS(Q1) × FSW
(19)
where QG1 is total gate charge of Q1 for its applied VGS.
As described in the equations above, the total power
consumed in driving the gate is divided in proportion to
the resistances in series with the MOSFET's internal
gate node, as shown in Figure 9.
Figure 9. Driver Dissipation Model
RG is the polysilicon gate resistance internal to the FET.
RE is the external gate drive resistor implemented in
many designs. Note that the introduction of RE can
reduce driver power dissipation, but excess RE may
cause errors in the “adaptive gate drive” circuitry. For
more information, please refer to Application Note AN-
6003, “Shoot-through” in Synchronous Buck Converters
at http://www.fairchildsemi.com/an/AN/AN-6006.pdf.
PLDRV is dissipation of the lower FET driver.
PLDRV = PL(R) × PL(F)
(20)
where PH(R) and PH(F) are internal dissipations for the
rising and falling edges, respectively:
where:
PQ2 = QG2 × VGS(Q2) × FSW.
(23)
Power MOSFET Selection
For more information on MOSFET selection for synchro-
nous buck regulators, refer to: AN-6005: Synchronous
Buck MOSFET Loss Calculations at http://www.fairchild-
semi.com/an/AN/AN-6005.pdf.
Losses in a MOSFET are the sum of its switching (PSW)
and conduction (PCOND) losses.
In typical applications, the FAN6520A converter's output
voltage is low with respect to its input voltage; therefore
the lower MOSFET (Q2) is conducting the full load cur-
rent for most of the cycle. Choose a MOSFET for Q2 that
has low RDS(ON) to minimize conduction losses.
In contrast, the high-side MOSFET (Q1) has a much
shorter duty cycle and its conduction loss has less
impact. Q1, however, sees most of the switching losses,
so Q1’s primary selection criteria should be gate charge.
I
RMS
I
L
DD
2
()
=
(12)
D
V
OUT
V
IN
--------------
=
C
BOOT
Q
G
ΔV
BOOT
--------------------------
=
(13)
P
HR
()
P
Q1
R
HUP
R
HUP
R
E
R
G
++
--------------------------------------------
×
=
(17)
P
HF
()
P
Q1
R
HDN
R
HDN
R
E
R
G
++
--------------------------------------------
×
=
(18)
HDRV
Q1
G
R
G
RE
RHUP
BOOT
SW
R
HDN
S
P
LR
()
P
Q2
R
LUP
R
LUP
R
E
R
G
++
-------------------------------------------
×
=
(21)
P
LF
()
P
Q2
R
LDN
R
HDN
R
E
R
G
++
--------------------------------------------
×
=
(22)


Número de pieza similar - FAN6520AIMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Descripción similar - FAN6520AIMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com