Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5614S7X Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN5614S7X
Descripción Electrónicos  Low-Dropout LED Drivers for White, Blue, or any Color LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5614S7X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5614S7X Datasheet HTML 1Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 2Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 3Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5614S7X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5611/FAN5612/FAN5613/FAN5614 Rev. 1.0.9
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the condi-
tions for actual device operation.
Table 3. Absolute Maximum Ratings
Recommended Operating Conditions
Table 4. Recommended Operating Conditions
Notes:
2. Using Mil Std. 883E, method 3015.7 (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Parameter
Min.
Max.
Unit
VI1, VI2, VI3, VI4 and ENABLE Voltage to GND
-0.3
6.0
V
CTRL Voltage to GND
-0.3
3.0
Power Dissipated by package at TA = 85°C
6-Lead SC70
190
mW
6, 8-Lead MLP
700
I1, I2, I3, I4 Steady State Current
FAN5611/12/13
40
mA
I1/I2, I3/I4 Steady State Current
FAN5614
80
Lead Temperature (Soldering 10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge Protection (ESD) Level (1)
HBM
4
kV
CDM
1
Parameter
Min.
Typ.
Max.
Unit
LED Cathode Voltage
FAN5611, FAN5612, FAN5613
0.3
0.5
1.0
V
FAN5614
0.15
Ambient Temperature
-40
25
85
°C


Número de pieza similar - FAN5614S7X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5614S7X FAIRCHILD-FAN5614S7X Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
More results

Descripción similar - FAN5614S7X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
   Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com