Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59118 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL59118
Descripción Electrónicos  Dual Video Driver with Low Pass Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59118 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL59118 Datasheet HTML 2Page - Intersil Corporation ISL59118 Datasheet HTML 3Page - Intersil Corporation ISL59118 Datasheet HTML 4Page - Intersil Corporation ISL59118 Datasheet HTML 5Page - Intersil Corporation ISL59118 Datasheet HTML 6Page - Intersil Corporation ISL59118 Datasheet HTML 7Page - Intersil Corporation ISL59118 Datasheet HTML 8Page - Intersil Corporation ISL59118 Datasheet HTML 9Page - Intersil Corporation ISL59118 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
FN6317.2
September 22, 2006
ISL59118
Ultra Thin Quad Flat No-Lead Plastic Package (UTQFN)
6
B
E
A
D
0.10 C
2X
2
0.10 M C A B
0.05 M C
(ND-1) X e
C
0.05 C
A
0.10 C
A1
SEATING PLANE
e
INDEX AREA
PIN #1 ID
3
5
(DATUM A)
(DATUM B)
N-1
1
N
NX L
NX b
2
1
N
TOP VIEW
BOTTOM VIEW
SIDE VIEW
NX (b)
SECTION "C-C"
FOR ODD TERMINAL/SIDE
e
CC
5
C
L
TERMINAL TIP
(A1)
L
DETAIL “A” PIN 1 ID
L
0.05 MIN
0.10 MIN
0.10 C
2X
4xk
b
L10.2.1x1.6A
10 LEAD ULTRA THIN QUAD FLAT NO-LEAD PLASTIC
PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.45
0.50
0.55
-
A1
-
-
0.05
-
A3
0.127 REF
-
b
0.15
0.20
0.25
5
D
2.05
2.10
2.15
-
E
1.55
1.60
1.65
-
e
0.50 BSC
-
k0.20
--
-
L
0.35
0.40
0.45
-
N10
2
Nd
4
3
Ne
1
3
θ
0-
12
4
Rev. 3 6/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on D and E side,
respectively.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Maximum package warpage is 0.05mm.
8. Maximum allowable burrs is 0.076mm in all directions.
9. Same as JEDEC MO-255UABD except:
No lead-pull-back, "A" MIN dimension = 0.45 not 0.50mm
"L" MAX dimension = 0.45 not 0.42mm.
10. For additional information, to assist with the PCB Land Pattern
Design effort, see Intersil Technical Brief TB389.
2.00
0.80
1.75
0.25
0.50
0.275
2.50
LAND PATTERN 10


Número de pieza similar - ISL59118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
ISL59118IRUZ-T7 RENESAS-ISL59118IRUZ-T7 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
More results

Descripción similar - ISL59118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Faraday Technology
FF0200L FARADAY-FF0200L Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0300P FARADAY-FF0300P Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0200M FARADAY-FF0200M Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
logo
Asahi Kasei Microsystem...
AKD4250-A AKM-AKD4250-A Datasheet
431Kb / 11P
   1ch video amplifier with low pass filter
AKD4252-A AKM-AKD4252-A Datasheet
341Kb / 11P
   1ch video amplifier with low pass filter
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
   Triple/Dual Phase-Equalized, Low-Pass Video Filter
logo
Analog Devices
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com