Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCAS50SN60 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FCAS50SN60
Descripción Electrónicos  Smart Power Module for SRM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCAS50SN60 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FCAS50SN60_06 Datasheet HTML 1Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 2Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 3Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 4Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 5Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 6Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 7Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 8Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.fairchildsemi.com
FCAS50SN60 Rev. A
Integrated Power Functions
• 600V-50A IGBT asymmetric converter for single-phase SRM drives (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figures 10.
• For low-side IGBTs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to a UV fault (Low-side supply)
• Input interface: 5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Figure 2.
Top View
Case Temperature (TC)
Detecting Point
DBC
DBC
(1) VCC(L)
(2) COM
(3) NC
(4) NC
(5) IN(L)
(6) V
FO
(15) V
B
(16) VS
(17) G(H)
(18) E(H)
(19) R(TH)
(20) V(TH)
(7) CFOD
(8) CSC
(9) G
(L)
(10) E
(L)
(11) NC
(12) NC
(13) IN(H)
(14) V
CC(H)
(21) NB2
(22) NC
(23) NB1
(27) P
(24) N
A
(25) B
(26) A


Número de pieza similar - FCAS50SN60_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
More results

Descripción similar - FCAS50SN60_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com