Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59910 Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL59910
Descripción Electrónicos  Triple Differential Receiver/Equalizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59910 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL59910 Datasheet HTML 4Page - Intersil Corporation ISL59910 Datasheet HTML 5Page - Intersil Corporation ISL59910 Datasheet HTML 6Page - Intersil Corporation ISL59910 Datasheet HTML 7Page - Intersil Corporation ISL59910 Datasheet HTML 8Page - Intersil Corporation ISL59910 Datasheet HTML 9Page - Intersil Corporation ISL59910 Datasheet HTML 10Page - Intersil Corporation ISL59910 Datasheet HTML 11Page - Intersil Corporation ISL59910 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6406.0
December 15, 2006
Where
Tj is the maximum junction temperature (+150°C)
Ta is the maximum ambient temperature (+85°C)
For a QFN 28 package in a properly layout PCB heatsinking
copper area, +37°C/W
θJA thermal resistance can be
achieved. To disperse the heat, the bottom heatspreader
must be soldered to the PCB. Heat flows through the
heatspreader to the circuit board copper then spreads and
converts to air. Thus the PCB copper plane becomes the
heatsink. This has proven to be a very effective technique. A
separate application note details the 28 Ld QFN. PCB
design considerations are available.
θ
JA
Tj
Ta
()
PD
-----------------------
=
50.4CW
=
(EQ. 3)
ISL59910, ISL59913


Número de pieza similar - ISL59910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910IRZ RENESAS-ISL59910IRZ Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
ISL59910IRZ-T7 INTERSIL-ISL59910IRZ-T7 Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
More results

Descripción similar - ISL59910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com