Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59913IRZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL59913IRZ
Descripción Electrónicos  Triple Differential Receiver/Equalizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59913IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59913IRZ Datasheet HTML 1Page - Intersil Corporation ISL59913IRZ Datasheet HTML 2Page - Intersil Corporation ISL59913IRZ Datasheet HTML 3Page - Intersil Corporation ISL59913IRZ Datasheet HTML 4Page - Intersil Corporation ISL59913IRZ Datasheet HTML 5Page - Intersil Corporation ISL59913IRZ Datasheet HTML 6Page - Intersil Corporation ISL59913IRZ Datasheet HTML 7Page - Intersil Corporation ISL59913IRZ Datasheet HTML 8Page - Intersil Corporation ISL59913IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6406.0
December 15, 2006
26
X2
Logic signal for x1/x2 output gain setting
X2
Logic signal for x1/x2 output gain setting
27
ENABLE
Chip enable logic signal
ENABLE
Chip enable logic signal
28
0V
0V reference for output voltage
0V
0V reference for output voltage
Thermal Pad
Must be connected to -5V
Pin Descriptions (Continued)
PIN
NUMBER
ISL59910
ISL59913
PIN NAME
PIN FUNCTION
PIN NAME
PIN FUNCTION
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE OF ALL CHANNELS
FIGURE 2. GAIN vs FREQUENCY ALL CHANNELS
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS VCTRL
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS VCTRL AND
VGAIN
1M
10M
100M 200M
5
3
1
-1
-3
-5
X2=LOW
VGAIN=0V
VCTRL=0V
RLOAD=150
FREQUENCY (Hz)
X2=HIGH
VGAIN=0.35V
VCTRL=0V
RLOAD=150Ω
X2=LOW
VS=±5V
RL=150Ω
VGAIN=0V
VCTRL=0.1V STEPS
Source=-20dBm
VCTRL=0V
VCTRL=1V
X2=LOW
VS=±5V
RL=150Ω
Source=-20dBm
VCTRL=0V
VGAIN=0V
VCTRL=0.25V
VGAIN=0.25V
VCTRL=0V
VGAIN=0.25V
ISL59910, ISL59913


Número de pieza similar - ISL59913IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59913IRZ INTERSIL-ISL59913IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59913IRZ RENESAS-ISL59913IRZ Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
ISL59913IRZ-T7 INTERSIL-ISL59913IRZ-T7 Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59913IRZ-T7 RENESAS-ISL59913IRZ-T7 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
More results

Descripción similar - ISL59913IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com