Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6423B Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL6423B
Descripción Electrónicos  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6423B Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6423B Datasheet HTML 1Page - Intersil Corporation ISL6423B Datasheet HTML 2Page - Intersil Corporation ISL6423B Datasheet HTML 3Page - Intersil Corporation ISL6423B Datasheet HTML 4Page - Intersil Corporation ISL6423B Datasheet HTML 5Page - Intersil Corporation ISL6423B Datasheet HTML 6Page - Intersil Corporation ISL6423B Datasheet HTML 7Page - Intersil Corporation ISL6423B Datasheet HTML 8Page - Intersil Corporation ISL6423B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6412.1
ISL6423B
Single Output LNB Supply and Control
Voltage Regulator with I2C Interface for
Advanced Satellite Set-Top Box Designs
The ISL6423B is a highly integrated voltage regulator and
interface IC, specifically designed for supplying power and
control signals from advanced satellite set-top box (STB)
modules to the low noise blocks (LNBs) of singe antenna
ports. The device consists of a current-mode boost PWM
and a low-noise linear regulator along with the circuitry
required for 22kHz tone generation, modulation and I2C
device interface. The device makes the total LNB supply
design simple, efficient and compact with low external
component count.
The current-mode boost converters provides the linear
regulator with input voltage that is set to the final output
voltages, plus typically 0.8V to insure minimum power
dissipation across each linear regulator. This maintains
constant voltage drop across the linear pass element while
permitting adequate voltage range for tone injection.
The final regulated output voltage is available at output
terminals to support the operation of an antenna port for
single tuners. The outputs for each PWM can be controlled
in two ways, full control from I2C using the VTOP and VBOT
bits or set the I2C to the lower range i.e., 13V/14V, and
switch to higher range i.e., 18V/19V, with the SELVTOP pin.
All the functions on this IC are controlled via the I2C bus by
writing 8 bits words onto the System Registers (SR). The
same register can be read back, and five I2C bits will report
the diagnostic status. Separate enable command sent on the
I2C bus provides for standby mode control for the PWM and
linear combination, disabling the output and forcing a shutdown
mode. The output channel is capable of providing 750mA of
continuous current. The overcurrent limit can be digitally
programmed to four levels.
The External modulation input EXTM can accept a
modulated Diseqc command and transfer it symmetrically to
the output. Alternatively the EXTM pin can be used to
modulate the continuos internal tone.
The FLT pin serves as an interrupt for the processor when
any condition turns OFF the LNB controller (Over
Temperature, Overcurrent, Disabled). The nature of the
Disable can be read of the I2C registers.
Features
• Single Chip Power solution
- Operation for 1-Tuner/1-Dish Applications
- Integrated DC/DC Converter and I2C Interface
• Switch-Mode Power Converter for Lowest Dissipation
- Boost PWMs with >92% Efficiency
- Selectable 13.3V or 18.3V Outputs
- Digital Cable Length Compensation (1V)
-I2C and Pin Controllable Output
• Output Back Bias Capability of 28V
•I2C Compatible Interface for Remote Device Control
• Registered Slave Address 0001 00XX
• 2.5V, 3.3V, 5V Logic Compatible
• External Pin to Toggle Between V and H Polarization
• Built-In Tone Oscillator Factory Trimmed to 22kHz
- Facilitates DiSEqC (EUTELSAT) Encoding
- External Modulation Input
• Internal Over-Temperature Protection and Diagnostics
• Internal OV, UV, Overload and Overtemp Flags
(Visible on I2C)
•FLT signal
• LNB Short-Circuit Protection and Diagnostics
• QFN, EPTSSOP Packages
• Pb-Free Available (RoHS Compliant)
Applications
• LNB Power Supply and Control for Satellite Set-Top Box
Ordering Information
PART
NUMBER*
PART
MARKING
TEMP.
(°C)
PACKAGE
PKG.
DWG. #
ISL6423BERZ
(Note)
6423BERZ
-20 to +85 24 Ld 4x4 QFN
(Pb-free)
L24.4x4D
ISL6423BEVEZ
(Note)
ISL6423BEVEZ -20 to +85 28 Ld EPTSSOP
(Pb-free)
M28.173B
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Add “-T” suffix for tape and reel.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
April 10, 2007


Número de pieza similar - ISL6423B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6423BERZ INTERSIL-ISL6423BERZ Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6423BERZ RENESAS-ISL6423BERZ Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423BEVEZ INTERSIL-ISL6423BEVEZ Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
More results

Descripción similar - ISL6423B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Renesas Technology Corp
ISL6425 RENESAS-ISL6425 Datasheet
586Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6423B RENESAS-ISL6423B Datasheet
710Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6421A RENESAS-ISL6421A Datasheet
701Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
logo
Intersil Corporation
ISL6421A INTERSIL-ISL6421A Datasheet
406Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421A INTERSIL-ISL6421A_06 Datasheet
417Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6425 INTERSIL-ISL6425 Datasheet
285Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
ISL6421AER INTERSIL-ISL6421AER Datasheet
430Kb / 12P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
March 9, 2006
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com