Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NTE30022 Datasheet(PDF) 2 Page - NTE Electronics

No. de Pieza. NTE30022
Descripción  Light Emitting Diode (LED) 0805 Surface Mount
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30022 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30022 Hoja de datos HTML 1Page - NTE Electronics NTE30022 Hoja de datos HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical/Optical Characteristics (Cont?d): (TA = +25C unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ Max
Unit
Forward Voltage
NTE30022
VF
IF = 20mA
?
2.0
2.4
V
NTE30023
?
3.5
4.0
V
Reverse Current
NTE30022
IR
VR = 5V
?
?
10
A
NTE30023
VR = 4V
?
?
60
A
Peak Emission Wave Length
NTE30022
?P
IF = 20mA
?
620
?
nm
NTE30023
?
468
?
nm
Dominate Wavelength
NTE30022
?d (HUE)
IF = 20mA, Note 3
?
615
?
nm
NTE30023
465
470
480
nm
Spectral Line Half Width
NTE30022
??
IF = 20mA
?
20
?
nm
NTE30023
?
45
?
nm
Note 3. The dominate wavelength,
?d, is derived from the CIE Chromatic Diagram and represents
the color of the device.
.029
(0.75)
.047 (1.2)
.010 (0.25)
.016 (0.40)
Anode
Cathode
.016 (0.40)
Polarity
Mark
.005 (0.13)
.049
(1.25)
.079 (2.0)
.051 (1.3)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contctenos   |   Poltica de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn