Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NTE30026 Datasheet(PDF) 2 Page - NTE Electronics

No. de Pieza. NTE30026
Descripción  Light Emitting Diode (LED) PLCC Surface Mount
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo 

NTE30026 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical/Optical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ Max
Unit
Forward Voltage
NTE30026
VF
IF = 20mA
2.0
2.5
V
NTE30027
3.5
4.2
V
Reverse Current
NTE30026
IR
VR = 5V
10
μA
NTE30027
VR = 4V
60
μA
Peak Emission Wave Length
NTE30026
λP
IF = 20mA
620
nm
NTE30027
468
nm
Dominate Wavelength
NTE30026
λd (HUE)
IF = 20mA, Note 3
615
nm
NTE30027
470
nm
Spectral Line Half Width
NTE30026
Δλ
IF = 20mA
20
nm
NTE30027
35
nm
Note 3. The dominate wavelength,
λd, is derived from the CIE Chromatic Diagram and represents
the color of the device.
.087
(2.2)
.110
(2.8)
.075
(1.9)
Anode
Cathode
Polarity
Mark
.0059 (0.15)
.031 (0.8)
.126 (3.2)
.138 (3.5)
.094
(2.4)
Dia
.032
(0.8)


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn