Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NTE30081 Datasheet(PDF) 2 Page - NTE Electronics

No. de Pieza. NTE30081
Descripción  Light Emitting Diode (LED) Right Angle Surface Mount
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo 

NTE30081 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical/Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ Max
Unit
Viewing Angle of Half Power
NTE30083
2
Q 1/2
IF = 20mA
140
degrees
All Other Devices
120
degrees
Luminous Intensity
NTE30081
IV
IF = 20mA, Note 2 15.0 37.5
mcd
NTE30082
6.0
13.5
mcd
NTE30083, NTE30085
30
60
mcd
NTE30084
32
60
mcd
Forward Voltage
NTE30081
VF
IF = 20mA
1.80 2.40
V
NTE30082
2.15 2.80
V
NTE30083, NTE30084
2.00 2.40
V
NTE30085
3.50 3.90
V
Reverse Current
NTE30085
IR
VR = 4V
60
µA
All Other Devices
VR = 5V
10
µA
Peak Emission Wave Length
NTE30081
λP
IF = 20mA
660
nm
NTE30082
570
nm
NTE30083
595
nm
NTE30084
635
nm
NTE30085
468
nm
Dominate Wavelength
NTE30081
λd (HUE)
IF = 20mA, Note 3
643
nm
NTE30082
567
nm
NTE30083
592
nm
NTE30084
626
nm
NTE30085
470
nm
Spectral Line Half Width
NTE30081, NTE30082
∆λ
IF = 20mA
30
nm
NTE30083, NTE30084
20
nm
NTE30085
45
nm
Terminal Capacitance (NTE30081 Only)
Ct
V = 0V, f = 1MHz
18
pF
Response Frequency (NTE30081 Only)
Fc
4
MHz
Note 2. Tolerance: 30% measured with EXELTRON 2001
Note 3. The dominate wavelength,
λd, is derived from the CIE Chromatic Diagram and represents
the color of the device.


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn