Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1557 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL1557
Descripción Electrónicos  xDSL Differential Line Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1557 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1557 Datasheet HTML 1Page - Intersil Corporation ISL1557 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7522.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL1557
xDSL Differential Line Driver
The ISL1557 is a dual operational amplifier designed for
VDSL2 and ADSL line driving in DMT based solutions. This
device features a high drive capability of 750mA while
consuming only 6mA of supply current per amplifier and
operating from a single 4.5V to 12V supply. The driver
achieves a typical distortion of -80dBc, at 150kHz into a 25
Ω
load.
The ISL1557 is available in the thermally-enhanced
16 Ld QFN package and is specified for operation over the
full -40°C to +85°C temperature range. The ISL1557 has
control pins C0 and C1 for controlling the bias and
enable/disable of the outputs. These controls allow for
lowering the power to fit the performance/power ratio for the
application.
The ISL1557 is ideal for ADSL2+, SDSL, HDSL2 and VDSL
line driving applications, including both 14.5dBm and 21dBm
applications.
Features
• 21dBm output power capability
• Drives up to 750mA from a +12V supply
•20VP-P differential output drive into 21Ω
• -80dBc typical driver output distortion at full output at
150kHz
• -75dBc typical driver output distortion at 4MHz
• -71dBc typical driver output distortion at 10MHz
• -75dBc typical driver output distortion at 17MHz
• Low quiescent current of 6mA per amplifier
• Supply range
- For ISL1557IUE 4.5V to 12V
- For ISL1557IR ±2.25V to ±6V, 4.5V to 12V
• 300MHz bandwidth
• Thermal shutdown
• Pb-free plus anneal available (RoHS compliant)
Applications
• VDSL2 line drivers
• Power line communications line drivers
• ADSL2+ CPE line driving
• G.SHDSL, HDSL2 line drivers
Ordering Information
PART NUMBER (Note)
PART MARKING
TAPE AND REEL
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL1557IRZ
7IRZ
-
-40 to +85
16 Ld QFN (Pb-free)
MDP0046
ISL1557IRZ-T7
7IRZ
7”
-40 to +85
16 Ld QFN (Pb-free)
MDP0046
ISL1557IRZ-T13
7IRZ
13”
-40 to +85
16 Ld QFN (Pb-free)
MDP0046
ISL1557IUEZ
BBVAA
-
-40 to +85
10 Ld HMSOP (Pb-free)
MDP0050
ISL1557IUEZ-T7
BBVAA
7”
-40 to +85
10 Ld HMSOP (Pb-free)
MDP0050
ISL1557IUEZ-T13
BBVAA
13”
-40 to +85
10 Ld HMSOP (Pb-free)
MDP0050
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 28, 2006
Get Full Datasheet


Número de pieza similar - ISL1557

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
More results

Descripción similar - ISL1557

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
EL1517A INTERSIL-EL1517A Datasheet
33Kb / 2P
   xDSL Differential Line Driver
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com