Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL60002DIH311Z-TK Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL60002DIH311Z-TK
Descripción Electrónicos  Precision Low Power FGA??Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002DIH311Z-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL60002DIH311Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002DIH311Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
FN8082.7
August 1, 2006
∆VOUT/∆t
Long Term Stability (Note 4)
TA = +25°C
10
ppm/
√1
kHrs
∆V
OUT/∆TA
Thermal Hysteresis (Note 2)
∆T
A = +145°C
100
ppm
ISC
Short Circuit Current (Note 3)
TA = +25°C
50
80
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
Electrical Specifications ISL60002-33, VOUT = 3.300V (Continued)
Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +105°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Common Electrical Specifications ISL60002 -10, -11, -12, -18, -20, and -25
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
20
ppm/°C
IIN
Supply Current
350
900
nA
∆VOUT/∆VIN
Line Regulation
+2.7V
≤ VIN ≤ +5.5V
80
250
µV/V
∆V
OUT/∆IOUT
Load Regulation
0mA
≤ I
SOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ ISINK ≤ 0mA
50
150
µV/mA
∆VOUT/∆t
Long Term Stability (Note 4)
TA = +25°C
10
ppm/
√1
kHrs
∆V
OUT/∆TA
Thermal Hysteresis (Note 2)
∆T
A = +125°C
100
ppm
ISC
Short Circuit Current (Note 3)
TA = +25°C
50
80
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
NOTES:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range: (-40°C to +85°C = +125°C, or -40°C to +105°C = +145°C for the ISL60002-33).
2. Thermal Hysteresis is the change in VOUT measured @ TA = +25°C after temperature cycling over a specified range, ∆TA, VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For ∆TA = +125°C, the device under is cycled from
+25°C to +85°C to -40°C to +25°C, and for
∆T
A = +145°C, the device under is cycled from +25°C to +105°C to -40°C to +25°C
3. Guaranteed by device characterization and/or correlation to other device tests.
4. FGA™ voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 2000 hours. Because of this decreasing characteristic, long-term drift is
specified in ppm/
√1kHr.
5. Pb-free manufacturing can result in solder reflow temperatures exceeding the +225°C absolute maximum. Exposing the device to this reflow
temperature will not damage it or cause any functional issues and the device will operate normally. The high reflow temperature may result in
a permanent shift in output voltage of 500µV to 1.0mV depending on the temperature and exposure time. If possible, using a reduced reflow
temperature in production will result in the best possible output voltage accuracy.
ISL60002


Número de pieza similar - ISL60002DIH311Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002DIH311Z-TK INTERSIL-ISL60002DIH311Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002DIH311Z-TK RENESAS-ISL60002DIH311Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Descripción similar - ISL60002DIH311Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com