Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P83CL410HFP Datasheet(PDF) 32 Page - NXP Semiconductors

No. de pieza P83CL410HFP
Descripción Electrónicos  Low voltage 8-bit microcontrollers with I2C-bus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL410HFP Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P83CL410HFP Datasheet HTML 28Page - NXP Semiconductors P83CL410HFP Datasheet HTML 29Page - NXP Semiconductors P83CL410HFP Datasheet HTML 30Page - NXP Semiconductors P83CL410HFP Datasheet HTML 31Page - NXP Semiconductors P83CL410HFP Datasheet HTML 32Page - NXP Semiconductors P83CL410HFP Datasheet HTML 33Page - NXP Semiconductors P83CL410HFP Datasheet HTML 34Page - NXP Semiconductors P83CL410HFP Datasheet HTML 35Page - NXP Semiconductors P83CL410HFP Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
1997 Apr 10
32
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
I2C-bus
P80CL410; P83CL410
Table 34 Oscillator type selection guide
Note
1. 32 kHz quartz crystals with a series resistance >15 k
Ω will reduce the guaranteed supply voltage range to
2.5 to 3.5 V.
RESONATOR
FREQUENCY
(MHz)
OPTION
(see Table 33)
C1 EXT. (pF)
C2 EXT. (pF)
RESONATOR MAX.
SERIES RESISTANCE
MIN.
MAX.
MIN.
MAX.
Quartz
0.032
Oscillator 1
0
0
5
15
15 k
(1)
1.0
Oscillator 2
0
30
0
30
600
3.58
0
15
0
15
100
4.0
0
20
0
20
75
6.0
Oscillator 3
0
10
0
10
60
10.0
Oscillator 4
0
15
0
15
60
12.0
0
10
0
10
40
16.0
0
15
0
15
20
PXE
0.455
Oscillator 2
40
50
40
50
10
1.0
15
50
15
50
100
3.58
0
40
0
40
10
4.0
0
40
0
40
10
6.0
0
20
0
20
5
10.0
Oscillator 3
0
15
0
15
6
12.0
Oscillator 4
10
40
10
40
6
LC
Oscillator 2
20
90
20
90
10
µH=1 Ω
100
µH=5 Ω
1 mH = 75


Número de pieza similar - P83CL410HFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P83CL410HFP PHILIPS-P83CL410HFP Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results

Descripción similar - P83CL410HFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
   Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
   Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
   256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
80CL31 PHILIPS-80CL31 Datasheet
405Kb / 40P
   Low-voltage single-chip 8-bit microcontrollers
1995 January
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com