Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P83CL410HFT Datasheet(PDF) 20 Page - NXP Semiconductors |
|
P83CL410HFT Datasheet(HTML) 20 Page - NXP Semiconductors |
20 / 60 page 1997 Apr 10 20 Philips Semiconductors Product specification Low voltage 8-bit microcontrollers with I2C-bus P80CL410; P83CL410 13.1 Serial Control Register (S1CON) Table 5 Serial Control Register (SFR address D8H) Table 6 Description of S1CON bits 76543210 CR2 ENS1 STA STO SI AA CR1 CR0 BIT SYMBOL DESCRIPTION 7 CR2 This bit along with bits CR1 (S1CON.1) and CR0 (S1CON.0) determines the serial clock frequency when SIO is in the Master mode. See Table 7. 6 ENS1 ENABLE serial I/O. When ENS1 = 0, the serial I/O is disabled. SDA and SCL outputs are in the high impedance state; P1.6 and P1.7 function as open-drain ports. When ENS1 = 1, the serial I/O is enabled. Output port latches P1.6 and P1.7 must be set to logic 1. 5STA START flag. When this bit is set in Slave mode, the SIO hardware checks the status of the I2C-bus and generates a START condition if the bus is free or after the bus becomes free. If STA is set while the SIO is in Master mode, SIO will generate a repeated START condition. 4STO STOP flag. With this bit set while in Master mode a STOP condition is generated. When a STOP condition is detected on the I2C-bus, the SIO hardware clears the STO flag. STO may also be set in Slave mode in order to recover from an error condition. In this case no STOP condition is transmitted to the I2C-bus. However, the SIO hardware behaves as if a STOP condition has been received and releases the SDA and SCL. The SIO then switches to the not addressed slave receiver mode. The STOP flag is cleared by the hardware. 3SI SIO interrupt flag. This flag is set, and an interrupt is generated, after any of the following events occur: • A START condition is generated in Master mode • Own slave address has been received during AA = 1 • The general call address has been received while GC (S1ADR.0) = 1 and AA = 1 • A data byte has been received or transmitted in Master mode (even if arbitration is lost) • A data byte has been received or transmitted as selected slave • A STOP or START condition is received as selected slave receiver or transmitter. 2AA Assert Acknowledge. When this bit is set, an acknowledge (low level to SDA) is returned during the acknowledge clock pulse on the SCL line when: • Own slave address is received • General call address is received; GC (S1ADR.0) = 1 • A data byte is received while the device is programmed to be a Master Receiver • A data byte is received while the device is a selected Slave Receiver. When this bit is reset, no acknowledge is returned. Consequently, no interrupt is requested when the own slave address or general call address is received. 1 CR1 These two bits along with the CR2 (S1CON.7) bit determine the serial clock frequency when SIO is in the Master mode. See Table 7. 0 CR0 |
Número de pieza similar - P83CL410HFT |
|
Descripción similar - P83CL410HFT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |