Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFP27N60KPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRFP27N60KPBF
Descripción Electrónicos  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFP27N60KPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFP27N60KPBF Datasheet HTML 1Page - International Rectifier IRFP27N60KPBF Datasheet HTML 2Page - International Rectifier IRFP27N60KPBF Datasheet HTML 3Page - International Rectifier IRFP27N60KPBF Datasheet HTML 4Page - International Rectifier IRFP27N60KPBF Datasheet HTML 5Page - International Rectifier IRFP27N60KPBF Datasheet HTML 6Page - International Rectifier IRFP27N60KPBF Datasheet HTML 7Page - International Rectifier IRFP27N60KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP27N60KPbF
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.5
V
TJ = 25°C, IS = 27A, VGS = 0V
„
trr
Reverse Recovery Time
––– 620
920
ns
TJ = 25°C, IF = 27A
Qrr
Reverse RecoveryCharge
–––
11
16
µC
di/dt = 100A/µs
„
IRRM
Reverse RecoveryCurrent
–––
36
53
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
14
––– –––
S
VDS = 50V, ID = 16A
Qg
Total Gate Charge
–––
––– 180
ID = 27A
Qgs
Gate-to-Source Charge
–––
–––
56
nC
VDS = 480V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
86
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
27
–––
VDD = 300V
tr
Rise Time
–––
110 –––
ID = 27A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 4.3Ω
tf
Fall Time
–––
38
–––
VGS = 10V,See Fig. 10
„
Ciss
Input Capacitance
–––
4660 –––
VGS = 0V
Coss
Output Capacitance
–––
460 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
41
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
5490 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
120 –––
VGS = 0V, VDS = 480V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
250 –––
VGS = 0V, VDS = 0V to 480V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Diode Characteristics
27
110
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.64 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
180 220
m
VGS = 10V, ID = 16A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
50
µA
VDS = 600V, VGS = 0V
–––
––– 250
VDS = 480V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
ƒ ISD ≤ 27A, di/dt ≤ 390A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
Notes:
‚ Starting TJ = 25°C, L = 1.4mH, RG = 25Ω,
IAS = 27A, dv/dt = 13V/ns. (See Figure 12a)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.


Número de pieza similar - IRFP27N60KPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IRFP27N60KPBF VISHAY-IRFP27N60KPBF Datasheet
156Kb / 8P
   Power MOSFET
S-Pending-Rev. B, 12-Jun-08
IRFP27N60KPBF VISHAY-IRFP27N60KPBF Datasheet
214Kb / 11P
   Power MOSFET
09-Jul-2021
More results

Descripción similar - IRFP27N60KPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com