Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P83CL781 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
P83CL781 Datasheet(HTML) 18 Page - NXP Semiconductors |
18 / 76 page 1997 Mar 14 18 Philips Semiconductors Product specification Low voltage 8-bit microcontrollers with UART and I2C-bus P83CL781; P83CL782 11 TIMER/EVENT COUNTERS The P83CL78x contains three 16-bit timer/event counter registers; Timer 0, Timer 1 and Timer 2 which can perform the following functions: • Measure time intervals and pulse durations • Count events • Generate interrupt requests. In the ‘Timer’ operating mode the register is incremented every machine cycle. Since a machine cycle consists of 12 oscillator periods, the count rate is 1 ⁄12 × fosc. In the ‘Counter’ operating mode, the register is incremented in response to a HIGH-to-LOW transition. Since it takes 2 machine cycles (24 oscillator periods) to recognize a HIGH-to-LOW transition, the maximum count rate is 1 ⁄24 × fosc. To ensure a given level is sampled, it should be held for at least one complete machine cycle. 11.1 Timer 0 and Timer 1 Timer 0 and Timer 1 can be programmed independently to operate in four modes: Mode 0 8-bit timer or 8-bit counter each with divide-by-32 prescaler. Mode 1 16-bit time-interval or event counter. Mode 2 8-bit time-interval or event counter with automatic reload upon overflow. Mode 3 Timer 0 establishes TL0 and TH0 as two separate counters. 11.2 Timer T2 Timer T2 is a 16-bit timer/counter that can operate (like Timer 0 and 1) either as a timer or as an event counter. These functions are selected by the state of the C/T2 bit in the T2CON register; see Tables 1 and 2. Three operating modes are available Capture, Auto-reload and Baud Rate Generator, which also are selected via the T2CON register; see Table 3. 11.2.1 CAPTURE MODE Figure 10 shows the Capture mode. Two options in this mode, may be selected by the EXEN2 bit in T2CON: • If EXEN2 = 0, then Timer 2 is a 16-bit timer or counter which upon overflowing sets the Timer 2 overflow bit TF2, this may then be used to generate an interrupt. • If EXEN2 = 1, Timer 2 operates as described above but with the additional feature that a HIGH-to-LOW transition at external input T2EX causes the current value in TL2 and TH2 to be captured into registers RCAP2L and RCAP2H respectively. In addition, the transition at T2EX causes the EXF2 bit in T2CON to be set; this may also be used to generate an interrupt. 11.2.2 AUTO-RELOAD MODE Figure 11 shows the Auto-reload mode. Also two options in this mode are selected by the EXEN2 bit in T2CON: • If EXEN2 = 0, then when Timer 2 rolls over, it sets the TF2 bit but also causes the Timer 2 registers to be reloaded with the 16-bit value held in registers RCAP2L and RCAP2H. The 16-bit value held in these registers is preset by software. • If EXEN2 = 1, Timer 2 operates as described above but with the additional feature that a HIGH-to-LOW transition at external input T2EX will also trigger the 16-bit reload and set the EXF2 bit. 11.2.3 BAUD RATE GENERATOR MODE The Baud Rate Generator mode is selected when RTCLK = 1. It will be described in conjunction with the serial port (UART); see Section 14.3.2. |
Número de pieza similar - P83CL781 |
|
Descripción similar - P83CL781 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |